Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW8N65A1 Datasheet(PDF) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW8N65A1
Description  N-channel Enhanced mode TO-220FMOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW8N65A1 Datasheet(HTML) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW8N65A1 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65A1 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65A1 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65A1 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65A1 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW8N65A1 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
5/6
SW8N65A1
VDD
DUT
VDS
RL
RGS
10VIN
10%
VDS
VIN
90%
10%
td(on)
tr
tON
td(off)
tOFF
tf
Fig. 11. Switching time test circuit & waveform
Fig. 13. Peak diode recovery dv/dt test circuit & waveform
Fig. 12. Unclamped Inductive switching test circuit & waveform
VDD
Same type
as DUT
VDS
L
RG
10VGS
IS
+
-
VDS
DUT
*. dv/dt controlled by RG
*. Is controlled by pulse period
VGS (DRIVER)
IS (DUT)
VDS (DUT)
Body diode forward voltage drop
VF
Diode recovery dv/dt
IRM
di/dt
10V
Diode reverse current
VDD


Similar Part No. - SW8N65A1

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW8N65D SEMIPOWER-SW8N65D Datasheet
1Mb / 8P
   N-channel Enhanced mode TO-220/TO-251/TO-252/TO-220F/TO-251NX MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
   N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW8N65K SEMIPOWER-SW8N65K Datasheet
836Kb / 6P
   N-channel Enhanced mode TO-262 MOSFET
More results

Similar Description - SW8N65A1

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW13N65D SEMIPOWER-SW13N65D Datasheet
824Kb / 6P
   N-channel Enhanced mode TO-220FMOSFET
Jan. 2019
SW6N70D SEMIPOWER-SW6N70D Datasheet
630Kb / 6P
   N-channel Enhanced mode TO-220FMOSFET
SW2N65D SEMIPOWER-SW2N65D Datasheet
649Kb / 6P
   N-channel Enhanced mode TO-220FMOSFET
SW6N60K SEMIPOWER-SW6N60K Datasheet
618Kb / 6P
   N-channel Enhanced mode TO-220FMOSFET
SW20N70K SEMIPOWER-SW20N70K Datasheet
703Kb / 1P
   N-channel Enhanced mode TO-220FMOSFET
SW6N70A SEMIPOWER-SW6N70A Datasheet
593Kb / 6P
   N-channel Enhanced mode TO-251MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
   N-channel Enhanced mode TO-220 MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
   N-channel Enhanced mode TO-252 MOSFET
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
   N-channel Enhanced mode TO-262 MOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
   N-channel Enhanced mode TO-220F MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com