Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T110B105J125AS7293 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T110B105J125AS7293
Description  T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110B105J125AS7293 Datasheet(HTML) 2 Page - Kemet Corporation

  T110B105J125AS7293 Datasheet HTML 1Page - Kemet Corporation T110B105J125AS7293 Datasheet HTML 2Page - Kemet Corporation T110B105J125AS7293 Datasheet HTML 3Page - Kemet Corporation T110B105J125AS7293 Datasheet HTML 4Page - Kemet Corporation T110B105J125AS7293 Datasheet HTML 5Page - Kemet Corporation T110B105J125AS7293 Datasheet HTML 6Page - Kemet Corporation T110B105J125AS7293 Datasheet HTML 7Page - Kemet Corporation T110B105J125AS7293 Datasheet HTML 8Page - Kemet Corporation T110B105J125AS7293 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2031_T110_AXIAL_T212 • 9/20/2016
22
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Ordering Information – T110
T
110
A
105
K
050
A
T
7200
Capacitor
Class
Series
Case
Size
Capacitance Code
(pF)
Capacitance
Tolerance
RatedVoltage
(VDC)
FailureRate/Military
ProductOnly
Termination
Finish
Specification
T =
Tantalum
Hermetically
Sealed Axial
capacitor
A
B
C
D
Firsttwodigits
represent
significantfigures.
Thirddigitspecifies
numberofzeros.
J = ±5%
K = ±10%
M = ±20%
006 = 6
010 = 10
015 = 15
020 = 20
035 = 35
050 = 50
060 = 60
075 = 75
100 = 100
125 = 125
A = N/A
T = 100% Tin
S= Standard
(Sn/Pb)
All capacitors are sleeved
unlessspecified.
0100 = Without sleeve
7200=Tape&Reel
7293 & 7443 = Ammo
Ordering Information – T212 (CSR13 Style)
MIL product
T
212
A
105
K
050
B
S
7200
Capacitor
Class
Series
Case
Size
Capacitance Code
(pF)
Capacitance
Tolerance
RatedVoltage
(VDC)
FailureRate/Military
ProductOnly
Termination
Finish
Specification
T =
Tantalum
Hermetically
Sealed Axial
Military
grade
capacitor
A
B
C
D
Firsttwodigits
represent
significantfigures.
Thirddigitspecifies
numberofzeros.
J = ±5%
K = ±10%
M = ±20%
006 = 6
010 = 10
015 = 15
020 = 20
035 = 35
050 = 50
075 = 75
100 = 100
Graded:
B = 0.1%/k hours
C = 0.01%/k hours
D=0.001%/khours
G= 1.0 %/k hours
Exponential:
M = 1%/k hours
P = 0.1%/k hours
R=0.01%/khours
S = 0.001%/k hours
S =
Standard
(Sn/Pb)
All capacitors are sleeved
unlessspecified.
0100 = Without sleeve
7200=Tape&Reel
7293 & 7443 = Ammo
4250 = "A" surge current
4251 = "B" surge current
4252 = "C" surge current
Ordering Information – MIL–PRF–39003
M39003
/01
6003
A
Capacitor Class
Slash
DashNumber
Surge Option
Military
Specification
Number
Specification
SheetNumber
FailureRate
Level
A = C-4250
B = C-4251
C = C-4252
Blank–Nosurge
Orders should be entered by the military specification number, including the dash number and surge option letter (A, B or C).


Similar Part No. - T110B105J125AS7293

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110B105J050ASC KEMET-T110B105J050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110B105J050BSC KEMET-T110B105J050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110B105J050CSC KEMET-T110B105J050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110B105J050DSC KEMET-T110B105J050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110B105J050MSC KEMET-T110B105J050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T110B105J125AS7293

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
logo
Vishay Siliconix
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
Glenair, Inc.
181-043-15 GLENAIR-181-043-15 Datasheet
215Kb / 1P
   MIL-PRF-29504/18 Type Terminus
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com