Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUG2043-PF-A02 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LUG2043-PF-A02
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUG2043-PF-A02 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LUG2043-PF-A02 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUG2043-PF-A02 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUG2043-PF-A02 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUG2043-PF-A02 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUG2043-PF-A02 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUG2043-PF-A02 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUG2043-PF-A02 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Note:The dominant wave length data did not including
±1nm testing tolerance.
Group
6
7
UG CHIP
566
568
Min.
568
570
Max.
Wave length(nm) at 20 mA
Color
Code
8
570
572
1100
900
A21
900
700
700
550
A20
A19
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Max.
550
UG CHIP
Min.
Group
450
A18
Luminous Intensity(mcd) at 20 mA
Brightness Code For Standard LED Lamps
Page
PART NO. LUG2043-PF-A02
3/6


Similar Part No. - LUG2043-PF-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUG2043-PF LIGITEK-LUG2043-PF Datasheet
107Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LUG2043-PF-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com