Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T110C105J020AS7293 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T110C105J020AS7293
Description  T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110C105J020AS7293 Datasheet(HTML) 4 Page - Kemet Corporation

  T110C105J020AS7293 Datasheet HTML 1Page - Kemet Corporation T110C105J020AS7293 Datasheet HTML 2Page - Kemet Corporation T110C105J020AS7293 Datasheet HTML 3Page - Kemet Corporation T110C105J020AS7293 Datasheet HTML 4Page - Kemet Corporation T110C105J020AS7293 Datasheet HTML 5Page - Kemet Corporation T110C105J020AS7293 Datasheet HTML 6Page - Kemet Corporation T110C105J020AS7293 Datasheet HTML 7Page - Kemet Corporation T110C105J020AS7293 Datasheet HTML 8Page - Kemet Corporation T110C105J020AS7293 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2031_T110_AXIAL_T212 • 9/20/2016
44
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET Part Number (T212), insert Graded failure rate – A for Not Applicable, B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k
hours, or G for 1%/k hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours.
Designates Reliability Level.
(3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish.
Refer to Ordering Information for additional detail.
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 hours)
MIL–PRF–39003/1K
MIL–PRF–39003/1K
Exponential
Graded
VDC
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
6
2.2
A
T110A225(1)006A(3)
0.3
4
6
2.7
A
T110A275(1)006A(3)
0.3
4
6
3.3
A
T110A335(1)006A(3)
0.3
4
6
3.9
A
T110A395(1)006A(3)
0.3
4
6
4.7
A
T110A475(1)006A(3)
0.3
4
6
5.6
A
T110A565J006A(3)
0.3
4
5001
5201
5401
5601
4001
6001
7001
8001
T212A565J006(2)S
6
5.6
A
T110A565K006A(3)
0.3
4
2241
2481
2721
2961
4002
6002
7002
8002
T212A565K006(2)S
6
5.6
A
T110A565M006A(3)
0.3
4
6
6.8
A
T110A685J006A(3)
0.3
6
5002
5202
5402
5602
4003
6003
7003
8003
T212A685J006(2)S
6
6.8
A
T110A685K006A(3)
0.3
6
2242
2482
2722
2962
4004
6004
7004
8004
T212A685K006(2)S
6
6.8
A
T110A685M006A(3)
0.3
6
2243
2483
2723
2963
4005
6005
7005
8005 T212A685M006(2)S
6
8.2
B
T110B825(1)006A(3)
0.3
6
6
10.0
B
T110B106(1)006A(3)
0.3
6
6
12.0
B
T110B126(1)006A(3)
0.5
6
6
15.0
B
T110B156(1)006A(3)
0.9
6
6
18.0
B
T110B186(1)006A(3)
0.9
6
6
22.0
B
T110B226(1)006A(3)
0.9
6
6
27.0
B
T110B276(1)006A(3)
0.9
6
6
33.0
B
T110B336(1)006A(3)
0.9
6
6
39.0
B
T110B396(1)006A(3)
0.9
6
6
47.0
B
T110B476J006A(3)
1.5
6
5003
5203
5403
5603
4006
6006
7006
8006
T212B476J006(2)S
6
47.0
B
T110B476K006A(3)
1.5
6
2244
2484
2724
2964
4007
6007
7007
8007
T212B476K006(2)S
6
47.0
B
T110B476M006A(3)
1.5
6
2245
2485
2725
2965
4008
6008
7008
8008 T212B476M006(2)S
6
56.0
B
T110B566J006A(3)
1.5
6
5004
5204
5404
5604
4009
6009
7009
8009
T212B566J006(2)S
6
56.0
B
T110B566K006A(3)
1.5
6
2246
2486
2726
2966
4010
6010
7010
8010
T212B566K006(2)S
6
56.0
B
T110B566M006A(3)
1.5
6
6
68.0
C
T110C686(1)006A(3)
3.0
6
6
82.0
C
T110C826(1)006A(3)
3.0
6
6
100.0
C
T110C107(1)006A(3)
3.0
6
6
120.0
C
T110C127(1)006A(3)
3.0
6
6
150.0
C
T110C157J006A(3)
4.5
6
5005
5205
5405
5605
4011
6011
7011
8011
T212C157J006(2)S
6
150.0
C
T110C157K006A(3)
4.5
6
2247
2487
2727
2967
4012
6012
7012
8012
T212C157K006(2)S
6
150.0
C
T110C157M006A(3)
4.5
6
2248
2488
2728
2968
4013
6013
7013
8013
T212C157M006(2)S
6
180.0
C
T110C187J006A(3)
5.5
6
5006
5206
5406
5606
4014
6014
7014
8014
T212C187J006(2)S
6
180.0
C
T110C187K006A(3)
5.5
6
2249
2489
2729
2969
4015
6015
7015
8015
T212C187K006(2)S
6
180.0
C
T110C187M006A(3)
5.5
6
6
220.0
D
T110D227(1)006A(3)
6.0
8
6
270.0
D
T110D277J006A(3)
6.0
8
5007
5207
5407
5607
4016
6016
7016
8016
T212D277J006(2)S
6
270.0
D
T110D277K006A(3)
6.0
8
2250
2490
2730
2970
4017
6017
7017
8017
T212D277K006(2)S
6
270.0
D
T110D277M006A(3)
6.0
8
6
330.0
D
T110D337J006A(3)
7.5
8
5008
5208
5408
5608
4018
6018
7018
8018
T212D337J006(2)S
6
330.0
D
T110D337K006A(3)
7.5
8
2251
2491
2731
2971
4019
6019
7019
8019
T212D337K006(2)S
6
330.0
D
T110D337M006A(3)
7.5
8
2252
2492
2732
2972
4020
6020
7020
8020 T212D337M006(2)S
10
1.0
A
T110A105(1)010A(3)
0.3
3
10
1.2
A
T110A125(1)010A(3)
0.3
4
VDC
µF
Case
Size
Code
(see below for
part options)
µA at 25°C
Max/5 Minimum
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF % at
25°C
MIL–PRF–39003 (CSR13) Capacitors


Similar Part No. - T110C105J020AS7293

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110C105J050ASC KEMET-T110C105J050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110C105J050BSC KEMET-T110C105J050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110C105J050CSC KEMET-T110C105J050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110C105J050DSC KEMET-T110C105J050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110C105J050MSC KEMET-T110C105J050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T110C105J020AS7293

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
logo
Vishay Siliconix
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
Glenair, Inc.
181-043-15 GLENAIR-181-043-15 Datasheet
215Kb / 1P
   MIL-PRF-29504/18 Type Terminus
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com