Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SCA-3-11 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. SCA-3-11
Description  Power Splitter/Combiner 3 Way-0° 50Ω 100 to 940 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

SCA-3-11 Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Performance Data
Splitter Electrical Specifications
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
• cellular
• ISM
• PCS
• land mobile
SUM PORT
3
PORT 1
6
PORT 2
8
PORT 3
10
GROUND
1,2,4,5,7,9
• wideband, 100-940 MHz
• good input port matching VSWR, 1.10 typ.
• small surface mount package
• patent pending
Applications
Operating Temperature
-45°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
0.5W max.
Internal Dissipation
0.25W max.
Freq.
(MHz)
Insertion Loss
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
S-1
S-2
S-3
1-2
2-3
VSWR
S
Phase
Unbal.
(deg.)
VSWR
2
VSWR
3
VSWR
1
1-3
Demo Board MCL P/N: TB-246
Suggested PCB Layout (PL-144)
CASE STYLE: DZ943
PRICE: $5.95 ea. QTY (10-49)
FREQ.
RANGE
(MHz)
PHASE
UNBALANCE
(Degrees)
Max.
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 4.8 dB
AMPLITUDE
UNBALANCE
(dB)
Max.
f
L-fU
Typ.
Min.
Typ.
Max.
100-940
20
14
0.7
1.5
7
0.7
SCA-3-11
INSERTION LOSS
5.2
5.4
5.6
5.8
6.0
6.2
6.4
100
200
300
400
500
600
700
800
900
1000 1100
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
S-3(dB)
at RF level -10 dBm
SCA-3-11
ISOLATION
10
12
14
16
18
20
22
24
26
28
30
100
200
300
400
500
600
700
800
900
1000 1100
FREQUENCY (MHz)
1-2(dB)
1-3(dB)
2-3(dB)
at RF level -10 dBm
SCA-3-11
VSWR
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
200
300
400
500
600
700
800
900
1000 1100
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
at RF level -10(dBm)
100.00
5.39
5.44
5.41
0.05
16.91
16.83
16.81
0.42
1.39
1.86
1.91
1.86
150.00
5.32
5.37
5.34
0.05
16.92
16.76
16.79
0.60
1.25
1.80
1.85
1.80
200.00
5.29
5.34
5.32
0.05
17.00
16.74
16.82
0.72
1.17
1.77
1.81
1.77
300.00
5.28
5.34
5.32
0.06
17.34
16.86
17.08
1.11
1.08
1.70
1.76
1.70
350.00
5.29
5.34
5.33
0.06
17.59
16.97
17.28
1.31
1.06
1.68
1.74
1.68
400.00
5.30
5.36
5.36
0.06
17.90
17.14
17.54
1.52
1.03
1.66
1.72
1.65
500.00
5.34
5.39
5.42
0.08
18.66
17.56
18.20
1.98
1.01
1.61
1.68
1.61
550.00
5.37
5.42
5.47
0.09
19.00
17.79
18.57
2.10
1.03
1.59
1.66
1.59
600.00
5.40
5.44
5.51
0.11
19.52
17.98
18.91
2.49
1.04
1.56
1.64
1.56
700.00
5.48
5.49
5.62
0.13
20.31
18.31
19.57
2.87
1.08
1.51
1.59
1.49
750.00
5.53
5.53
5.68
0.15
20.67
18.43
19.87
2.99
1.11
1.48
1.56
1.46
800.00
5.57
5.56
5.74
0.18
20.96
18.52
20.11
3.20
1.13
1.44
1.54
1.44
900.00
5.69
5.64
5.90
0.26
21.35
18.57
20.46
3.57
1.19
1.38
1.47
1.36
1000.00
5.84
5.75
6.09
0.34
21.50
18.53
20.65
3.80
1.25
1.31
1.40
1.28
1100.00
6.01
5.86
6.31
0.45
21.60
18.48
20.80
4.08
1.30
1.24
1.33
1.22
A
B
CDE
F
G
.30
.250
.190
.274
.050
.050
.012
7.62
6.35
4.83
6.96
1.27
1.27
0.30
HJ
K
L
M
wt
.057
.004
.085
.296
.030
grams
1.45
0.10
2.16
7.52
0.76
0.5
SCA-3-11
3 Way-0° 50
100 to 940 MHz
Power Splitter/Combiner
Surface Mount
REV. OR
M89592
ED-10832/2
SCA-3-11
LC/TD/CP
041112
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
NEW!
Outline Drawing


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn