Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW22-D290-EK5 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # TW22-D290-EK5
Description  400 to 510 MHz Front-End Module for Range Extension Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW22-D290-EK5 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button TW22-D290-EK5 Datasheet HTML 4Page - Skyworks Solutions Inc. TW22-D290-EK5 Datasheet HTML 5Page - Skyworks Solutions Inc. TW22-D290-EK5 Datasheet HTML 6Page - Skyworks Solutions Inc. TW22-D290-EK5 Datasheet HTML 7Page - Skyworks Solutions Inc. TW22-D290-EK5 Datasheet HTML 8Page - Skyworks Solutions Inc. TW22-D290-EK5 Datasheet HTML 9Page - Skyworks Solutions Inc. TW22-D290-EK5 Datasheet HTML 10Page - Skyworks Solutions Inc. TW22-D290-EK5 Datasheet HTML 11Page - Skyworks Solutions Inc. TW22-D290-EK5 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DATA SHEET • SKY66115-11: 400 TO 510 MHz FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
January 11, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203309G
4
4
Pin 1
Indicator
0.075 A B C
B
C
Top View
0.9 ± 0.1
Side View
0.1
A
Top
16X SMT pad
Pin 16
Pin 1
Pin 1 Indicator
See Detail D
10X 1.9
4X 0.8
4X 0.538
0
0.1
A B C
M
A
B
Solder Mask Openings
See Detail C
0.2 A B C
0.4 ± 0.1
0.4 ± 0.1
0.4 ± 0.1
0.4 ± 0.05
0.5 ± 0.05
Solder Mask
Edge
Solder Mask
Edges
Solder Mask
Edges
Solder Mask
Edges
Metal Pad
Edges
Metal Pad
Edges
(0.1)
(0.1)
(0.1)
Detail A
Pad
Scale: 2X
3X This Rotation
3X Rotated 90° CW
3X Rotated 180°
3X Rotated 90° CCW
Detail B
Pad
Scale: 2X
1X This Rotation
1X Rotated 90° CW
1X Rotated 180°
1X Rotated 90° CCW
Detail C
Pad
(3 Places)
Scale: 2X
Detail D
Pad
Scale: 2X
0.925
0.925
0.925
0.925
0.2 X 0.2
Bottom View
Notes:
1. Dimensions and tolerances according to ASME Y14.5M-1994.
2. All measurements are in millimeters.
203309D-013
Figure 13. SKY66115-11 Package Dimensions


Similar Part No. - TW22-D290-EK5

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW22-D405-001 SKYWORKS-TW22-D405-001 Datasheet
499Kb / 12P
   RX Diversity FEM with Gain (B29, B26, B8, B20, B12/13, B28A and B28B)
More results

Similar Description - TW22-D290-EK5

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66115-11 SKYWORKS-SKY66115-11 Datasheet
971Kb / 11P
   470 to 510 MHz Front-End Module for Range Extension Applications
SKY66115 SKYWORKS-SKY66115_11 Datasheet
185Kb / 2P
   470 to 510 MHz Front-End Module
SKY66110-11 SKYWORKS-SKY66110-11 Datasheet
1Mb / 11P
   Low-Power Bluetooth Low Energy Front-End Module for Range Extension Applications
SKY66111-11 SKYWORKS-SKY66111-11 Datasheet
1Mb / 14P
   Low-Power Bluetooth Low Energy Front-End Module for Range Extension Applications
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
   900 MHz Front-End Module
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
SKY65378 SKYWORKS-SKY65378_11 Datasheet
732Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66423-11 SKYWORKS-SKY66423-11 Datasheet
639Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66420-11 SKYWORKS-SKY66420-11 Datasheet
683Kb / 14P
   860 to 930 MHz RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com