Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY68000-31-EVB Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY68000-31-EVB
Description  LTE Dual-Band Front-End Module for IoT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY68000-31-EVB Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY68000-31-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. SKY68000-31-EVB Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
204642A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 22, 2017
1
PRODUCT SUMMARY
SKY68000-31: LTE Dual-Band Front-End Module for IoT
Applications
 Cellular IoT modem devices targeting low-power wide area
network (LPWAN):
 4G LTE technology capability
 Dedicated LTE half-duplex operation (HD-FDD) for
CAT0/CATM1/CATNB1
 Designed to meet 3GPP Rel-12 and Rel-13 specifications
(with compatible cellular transceiver)
 LTE dual-band modem products (low-band and mid-band):
 Band 13
 Band 4
 PAE optimized for Class 3 LTE output power (+23 dBm)
Features
 Cost-optimized front end for low-data-rate applications
 Low-loss post-PA transmit front end for enhanced transmitter
efficiency (compared to LTE-FDD radio front ends)
 Dual-band PA supporting APT mode of operation or Vcc fixed
supply (≥ 2.85 V)
 Integrated low-pass filters for harmonic rejection to comply with
spurious emission requirements
 Integrated SP4T antenna Tx/Rx switch
 Integrated Rx SAW filters for out of band rejection for both
Band 13 and Band 4
 Optimized to support LTE for 1 to 36 RB
 MIPI RFFE control interface, 2.0 compliant
 Pin-to-pin compatible with the SKY68001-31 and SKY68011-31
 Adaptive biasing scheme for maximum PA efficiencies
 Small, low-profile package (4 mm x 5 mm x 0.9 mm)
(MSL3 @ 260 °C per JEDEC J-STD-020)
 Lead (Pb)-free and RoHS-compliant
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to
Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SKY68000-31 is a hybrid, dual-band multi-chip RF front-end
(RFFE) module supporting cellular LTE for CAT0/CATM1/CATNB1
(half-duplex system) transceiver platforms. The module integrates
the entire RF front end necessary for an LTE dual-band radio
operating in Band 13 and Band 4 including Rx SAW filters,
dual-band PA with bias controller, Tx low-pass harmonic filter,
antenna switch, and MIPI RFFE controller.
Tx Section
The PA load-line is optimized for high efficiency while
simultaneously meeting 3GPP ACLR and emissions mask
specifications with LTE up to 36 RB. An integrated LPF is
implemented to reject the PA and transceiver harmonics while at
the same time minimizing any post PA loss for an optimized
transmit current consumption. Out-of-band emissions
performance is emphasized by the design to be compliant for
Band 13 and Band 4.
Rx Section
Receive SAW filters are integrated in to the module along with the
necessary matching, yielding a 50
Ω single-ended impedance for
the antenna and Rx ports. The SAW filters provide a high level of
rejection to out-of-band interferers protecting the transceiver from
high blocking signal levels and to support 3GPP LTE blocking test
conformance. The Rx SAW filters cascaded with the low throw
count switch establishes a lower insertion loss and noise figure
than conventional LTE receivers.
MIPI RFFE Controller Interface
The SKY68000-31 functional operation is fully controllable by a
single MIPI interface which is used to drive the PA in various
optimized bias modes as well as providing band selection and
controlling the antenna switch Tx, Rx, and band selection.
Figure 1 shows the block diagram for the SKY68000-31.


Similar Part No. - SKY68000-31-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY68000-11 SKYWORKS-SKY68000-11 Datasheet
164Kb / 2P
   LTE Dual-Band Front-End Module for IoT
More results

Similar Description - SKY68000-31-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY68000-11 SKYWORKS-SKY68000-11 Datasheet
164Kb / 2P
   LTE Dual-Band Front-End Module for IoT
SKY68011-31 SKYWORKS-SKY68011-31 Datasheet
157Kb / 2P
   LTE Multi-Band Front-End Module for IoT
SKY68020-11 SKYWORKS-SKY68020-11 Datasheet
156Kb / 2P
   LTE Universal Multi-Band Front-End Module for IoT
SKY68001-31 SKYWORKS-SKY68001-31 Datasheet
148Kb / 2P
   LTE Universal Multi-Band Front-End Module for IoT
logo
RF Micro Devices
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
   Dual-Band 802.11ac Front-End Module
logo
RF Micro Devices
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
RF3388 RFMD-RF3388 Datasheet
93Kb / 2P
   3.7V, DUAL-BAND FRONT-END MODULE
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
   3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
logo
NXP Semiconductors
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
   Dual-band RF front-end
1999 Mar 02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com