Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66113-11 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY66113-11
Description  2.4 GHz Bluetooth Low Energy/802.15.4/ Thread/ZigBee Front-End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66113-11 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY66113-11_17 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • SKY66113-11: BLUETOOTH LOW ENERGY/802.15.4/THREAD/ZIGBEE FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
May 10, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203670F
Application Schematic Description
A reference design schematic is provided in Figure 3. An
Evaluation Board schematic diagram is shown in Figure 4. A
photograph of the Evaluation Board is shown in Figure 5. Table 7
provides the Bill of Materials (BOM) list for Evaluation Board
components.
Package Dimensions
The PCB layout footprint for the SKY66113-11 is provided in
Figure 6. The typical part marking is shown in Figure 7. Package
dimensions are shown in Figure 8, and tape and reel dimensions
are provided in Figure 9.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
The SKY66113-11 is rated to Moisture Sensitivity Level 3 (MSL3)
at 260
C. It can be used for lead or lead-free soldering. For
additional information, refer to the Skyworks Application Note,
PCB Design and SMT Assembly/Rework Guidelines for MCM-L
Packages, document number 101752.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
ANT
RFin
VDD
VCC1
CRX
CSD
U1
SKY66113-11
GND
1
N/C
2
N/C
3
RFIN
4
GND
5
GND
9
DNC
10
GND
11
VDD
12
GND
13
J2
SMA
J1
SMA
C3
1 nF
C9
13 pF
C2
13 pF
C8
0.1 uF
C14
4.7 uF
203670-003
X
X
X
Figure 3. SKY66113-11 Reference Design Schematic


Similar Part No. - SKY66113-11_17

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
   2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
More results

Similar Description - SKY66113-11_17

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
   2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
   2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
   2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66109-11 SKYWORKS-SKY66109-11_15 Datasheet
555Kb / 14P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66403-11 SKYWORKS-SKY66403-11 Datasheet
1Mb / 15P
   2.4 GHz Front-End Module for Zigbee Technology Applications/Thread/Bluetooth® Applications
February 27, 2023
logo
Nordic Semiconductor
NRF52840 NORDIC-NRF52840 Datasheet
318Kb / 2P
   High-end multiprotocol Bluetooth Low Energy (LE) SoC supporting: Bluetooth 5.3/Bluetooth mesh/Thread/ Zigbee/802.15.4/ANT
Version 3.0
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com