Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66112-11EK1 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY66112-11EK1
Description  2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66112-11EK1 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY66112-11EK1 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66112-11EK1 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66112-11EK1 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66112-11EK1 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66112-11EK1 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66112-11EK1 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66112-11EK1 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66112-11EK1 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY66112-11EK1 Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DATA SHEET • SKY66112-11: ZIGBEE/THREAD/BLUETOOTH SMART FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203225L • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • March 14, 2017
11
3.8 mm
3.3 mm
Package Outline
Exposed Center Pad
4X 0.55 mm
2X 0.85 mm
2X 1.0 mm
18X 0.3 mm
22X 0.55 mm
2X 0.5 mm
22X 0.65 mm
Stencil aperture size of
80 to 100% of the module/pkg
solder mask openings
Pin 22
Pin 1 indicator
0.30 X 0.30 mm
Pin 1
0.5 mm Pitch
Stencil Aperture
(Top View)
3.8 mm
3.3 mm
12X 0.55 mm
12X 0.3 mm
Package Outline
Pin 22
Pin 1
0.5 mm Pitch
0.25 mm Typ
Metallization
(Top View)
Exposed Center Pad
2X 1.0 mm
Opening size of
60 to 100% of exposed
center opening shown
Package Outline
Solder Mask Opening
(Top View)
3.9 mm
3.4 mm
4X 0.65 mm
18X 0.4 mm
Pin 22
Pin 1 indicator
0.30 X 0.30 mm
Pin 1
0.5 mm Pitch
Notes:
1. All measurements are in millimeters.
2. Thermal vias should be resin filled and capped in accordance with
IPC-4761 type VII vias. Recommended Cu thickness is 30 to 35
µm.
Thermal via array
Ø
0.3 mm on 0.6 mm pitch
improves thermal performance
203225-014
Figure 14. SKY66112-11 PCB Layout Footprint


Similar Part No. - SKY66112-11EK1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
More results

Similar Description - SKY66112-11EK1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
   2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
SKY66113-11 SKYWORKS-SKY66113-11_17 Datasheet
432Kb / 9P
   2.4 GHz Bluetooth Low Energy/802.15.4/ Thread/ZigBee Front-End Module
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66109-11 SKYWORKS-SKY66109-11_15 Datasheet
555Kb / 14P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66403-11 SKYWORKS-SKY66403-11 Datasheet
1Mb / 15P
   2.4 GHz Front-End Module for Zigbee Technology Applications/Thread/Bluetooth® Applications
February 27, 2023
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
   2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
   2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
logo
ATMEL Corporation
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
   Bluetooth/ISM 2.4-GHz Front-End IC
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com