Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE25QA160G Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE25QA160G
Description  16M BIT SPI NOR FLASH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QA160G Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE25QA160G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ACE25QA160G
16M BIT SPI NOR FLASH
VER 1.1
8
Device Identification
Three legacy Instructions are supported to access device identificati on that can indicate the
manufacturer, device type, and capacity (density). The returned data bytes provide the information as
shown in the below table.
Table 5. ACE25QA160G ID Definition table
Operation Code
M7-M0
ID15-ID8
ID7-ID0
9FH
68
40
15
90H
68
14
ABH
14
Instructions Description
All instructions, addresses and data are shifted in and out of the device, beginning with the most
significant bit on the first rising edge of SCLK after /CS is driven low. Then, the one byte instruction
code must be shifted in to the device, most significant bit first on SI, each bit being latched on the rising
edges of SCLK.
See Table 6, every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none. /CS must be
driven high after the last bit of the instruction sequence has been shifted in. For the instruction of Read,
Fast Read, Read Status Register or Release from Deep Power Down, and Read Device ID, the
shifted-in instruction sequence is followed by a data out sequence. /CS can be driven high after any bit
of the data-out sequence is being shifted out.
For the instruction of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register,
Write Enable, Write Disable or Deep Power-Down instruction, /CS must be driven high exactly at a byte
boundary, otherwise the instruction is rejected, and is not executed. That is /CS must driven high when
the number of clock pulses after /CS being driven low is an exact multiple of eight. For Page Program, if
at any time the input byte is not a full byte, nothing will happen and WEL will not be reset.


Similar Part No. - ACE25QA160G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QA100G ACE-ACE25QA100G Datasheet
1Mb / 28P
   1M BIT SPI NOR FLASH
VER 1.2
More results

Similar Description - ACE25QA160G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QC160G ACE-ACE25QC160G Datasheet
3Mb / 73P
   16M BIT SPI NOR FLASH
VER 1.2
logo
E-CMOS Corporation
ECT25S16 E-CMOS-ECT25S16 Datasheet
2Mb / 45P
   16M BIT SPI NOR FLASH
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
   4M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
   64M BIT SPI NOR FLASH
VER 1.1
ACE25QA800G ACE-ACE25QA800G Datasheet
2Mb / 30P
   8M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC128G ACE-ACE25QC128G Datasheet
2Mb / 56P
   128M BIT SPI NOR FLASH
VER 1.1
ACE25QA200G ACE-ACE25QA200G Datasheet
1Mb / 30P
   2M BIT SPI NOR FLASH
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com