Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE24C256C Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE24C256C
Description  Two-wire serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C256C Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE24C256C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ACE24C256C
Two-wire serial EEPROM
VER 1.2
11
(B)
Random Read
A Random Read requires a “dummy” byte write sequence to load in the data word address. Once the
device address word and data word address are clocked in and acknowledged by the ACE24C256C,
the microcontroller must generate another start condition. The microcontroller now initiates a Current
Address Read by sending a device address with the read/write select bit high. The ACE24C256C
acknowledges the device address and serially clocks out the data word. The microcontroller does
not respond with a “0” but does generate a following stop condition (see Figure 11).
(C)
Sequential Read
Sequential Reads are initiated by either a Current Address Read or a Random Address Read. After
the microcontroller receives a data word, it responds with acknowledge. As long as the
ACE24C256C receives acknowledge, it will continue to increment the data word address and serially
clock out sequential data words. When the memory address limit is reached, the data word address
will roll-over and the Sequential Read will continue. The Sequential Read operation is terminated
when the microcontroller does not respond with a “0” but does generate a following stop condition
(see Figure 12)
Figure10:Current Address Read
Figure11:Random Read


Similar Part No. - ACE24C256C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C256 ACE-ACE24C256 Datasheet
283Kb / 16P
   Two-wire Serial EEPROM
VER 1.2
ACE24C256 ACE-ACE24C256 Datasheet
656Kb / 18P
   Two-wire Serial EEPROM
VER 1.5
ACE24C256B ACE-ACE24C256B Datasheet
1Mb / 17P
   Two-wire Serial EEPROM
VER 1.4
ACE24C256DM+TH ACE-ACE24C256DM+TH Datasheet
656Kb / 18P
   Two-wire Serial EEPROM
VER 1.5
ACE24C256DM+UH ACE-ACE24C256DM+UH Datasheet
656Kb / 18P
   Two-wire Serial EEPROM
VER 1.5
More results

Similar Description - ACE24C256C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com