Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7FS3A37A3A01CNB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R7FS3A37A3A01CNB
Description  Microcontroller
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FS3A37A3A01CNB Datasheet(HTML) 5 Page - Renesas Technology Corp

  R7FS3A37A3A01CNB Datasheet HTML 1Page - Renesas Technology Corp R7FS3A37A3A01CNB Datasheet HTML 2Page - Renesas Technology Corp R7FS3A37A3A01CNB Datasheet HTML 3Page - Renesas Technology Corp R7FS3A37A3A01CNB Datasheet HTML 4Page - Renesas Technology Corp R7FS3A37A3A01CNB Datasheet HTML 5Page - Renesas Technology Corp R7FS3A37A3A01CNB Datasheet HTML 6Page - Renesas Technology Corp R7FS3A37A3A01CNB Datasheet HTML 7Page - Renesas Technology Corp R7FS3A37A3A01CNB Datasheet HTML 8Page - Renesas Technology Corp R7FS3A37A3A01CNB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 5 of 139
Mar 7, 2017
S3A3
1. Overview
1.
Overview
The S3A3 MCU integrates multiple series of software- and pin-compatible ARM®-based 32-bit MCUs that share a
common set of Renesas peripherals to facilitate design scalability and efficient platform-based product development.
The MCU provides an optimal combination of low-power, high-performance ARM Cortex®-M4 core running up to
48 MHz with the following features:
 512-KB code flash memory
 96-KB SRAM
 Segment LCD Controller (SLCDC)
 Capacitive Touch Sensing Unit (CTSU)
 USB 2.0 Full-Speed Module (USBFS)
 14-bit A/D Converter (ADC14)
 12-bit D/A Converter (DAC12)
 Security features.
1.1
Function Outline
Table 1.1
ARM core
Feature
Functional description
ARM Cortex-M4
 Maximum operating frequency: up to 48 MHz
 ARM Cortex-M4
- Revision: r0p1-01rel0
- ARMv7E-M architecture profile
- Single precision floating-point unit compliant with the ANSI/IEEE Std 754-2008.
 ARM Memory Protection Unit (MPU)
- ARMv7 Protected Memory System Architecture
- 8 protect regions.
 SysTick timer
- Driven by LOCO clock.
Table 1.2
Memory
Feature
Functional description
Code flash memory
Maximum 512 KB code flash memory. See section 47, Flash Memory in User's Manual.
Data flash memory
8 KB data flash memory. See section 47, Flash Memory in User's Manual.
Option-setting memory
The option-setting memory determines the state of the MCU after a reset. See section 7,
Option-Setting Memory in User's Manual.
Memory Mirror Function (MMF)
The MMF can be configured to mirror the desired application image load address in code flash
memory to the application image link address in the 23-bit unused memory space (memory
mirror space addresses). Your application code is developed and linked to run from this MMF
destination address. The application code does not need to know the load location where it is
stored in code flash memory. See section 5, MMF (MMF) in User's Manual.
SRAM
On-chip high-speed SRAM with either parity bit or Error Correction Code (ECC). An area in
SRAM0 provides error correction capability using ECC. See section 46, SRAM in User's
Manual.


Similar Part No. - R7FS3A37A3A01CNB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FS3A6782A01CLJ RENESAS-R7FS3A6782A01CLJ Datasheet
1Mb / 129P
   Synergy Microcontrollers
R7FS3A6782A01CLJ#AC0 RENESAS-R7FS3A6782A01CLJ#AC0 Datasheet
1Mb / 129P
   Synergy Microcontrollers
R7FS3A6783A01CFL RENESAS-R7FS3A6783A01CFL Datasheet
1Mb / 129P
   Synergy Microcontrollers
R7FS3A6783A01CFL#AA0 RENESAS-R7FS3A6783A01CFL#AA0 Datasheet
1Mb / 129P
   Synergy Microcontrollers
R7FS3A6783A01CFM RENESAS-R7FS3A6783A01CFM Datasheet
1Mb / 129P
   Synergy Microcontrollers
More results

Similar Description - R7FS3A37A3A01CNB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com