Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F524T8ADFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F524T8ADFP
Description  32-bit RXv2 CPU core
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F524T8ADFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F524T8ADFP Datasheet HTML 5Page - Renesas Technology Corp R5F524T8ADFP Datasheet HTML 6Page - Renesas Technology Corp R5F524T8ADFP Datasheet HTML 7Page - Renesas Technology Corp R5F524T8ADFP Datasheet HTML 8Page - Renesas Technology Corp R5F524T8ADFP Datasheet HTML 9Page - Renesas Technology Corp R5F524T8ADFP Datasheet HTML 10Page - Renesas Technology Corp R5F524T8ADFP Datasheet HTML 11Page - Renesas Technology Corp R5F524T8ADFP Datasheet HTML 12Page - Renesas Technology Corp R5F524T8ADFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
R01DS0257EJ0200 Rev.2.00
Page 9 of 133
Apr 14, 2017
RX24T Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
Clock
generation
circuit
RX CPU
RAM
ROM
Port 0
Port 1
Port 3
Port 4
DTCa
ICUb
Port A
Port B
Port 2
Port 7
Port 9
Port D
Port E
MTU3d
× 9 channels
MPU
E2 DataFlash
Port 5
Port 6
Port 8
GPTB
× 4 channels
CAC
DOC
8-bit D/A converter × 2 channels
Comparator C × 4 channels
12-bit A/D converter × 12 channels
(unit 2)
12-bit A/D converter × 5 channels
(unit 1)
Sample and hold circuit
× 3 channels
Programmable gain amplifier
× 3 channels
12-bit A/D converter × 5 channels
(unit 0)
Programmable gain amplifier
× 1 channel
CMT × 2 channels (unit 1)
CMT × 2 channels (unit 0)
TMR × 2 channels (unit 3)
TMR × 2 channels (unit 2)
TMR × 2 channels (unit 1)
TMR × 2 channels (unit 0)
RSCAN × 1 channel
RIICa × 1 channel
RSPIb × 1 channel
SCIg × 3 channels
CRC
IWDTa
POE3b, POE3A
MTU3d: Multi-function timer pulse unit 3
GPTB: General PWM timer
ICUb: Interrupt controller
DTCa: Data transfer controller
IWDTa: Independent watchdog timer
CRC: CRC (cyclic redundancy check) calculator
SCIg: Serial communications interface
RSPIb: Serial peripheral interface
RIICa: I2C bus interface
RSCAN: CAN module
POE3b, POE3A: Port output enable 3
TMR: 8-bit timer
CMT: Compare match timer
DOC: Data operation circuit
CAC: Clock frequency accuracy measurement circuit
MPU: Memory protection unit


Similar Part No. - R5F524T8ADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F524UBADFB RENESAS-R5F524UBADFB Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UBADFB#30 RENESAS-R5F524UBADFB#30 Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UBADFP RENESAS-R5F524UBADFP Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UBADFP#30 RENESAS-R5F524UBADFP#30 Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UCADFB RENESAS-R5F524UCADFB Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
More results

Similar Description - R5F524T8ADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
   Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
logo
NXP Semiconductors
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
   Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
   Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
   ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
Freescale Semiconductor...
68HC05PL4 FREESCALE-68HC05PL4 Datasheet
3Mb / 98P
   Industry standard 8-bit M68HC05 CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com