Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F524TAADFM Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F524TAADFM
Description  32-bit RXv2 CPU core
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F524TAADFM Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F524TAADFM Datasheet HTML 1Page - Renesas Technology Corp R5F524TAADFM Datasheet HTML 2Page - Renesas Technology Corp R5F524TAADFM Datasheet HTML 3Page - Renesas Technology Corp R5F524TAADFM Datasheet HTML 4Page - Renesas Technology Corp R5F524TAADFM Datasheet HTML 5Page - Renesas Technology Corp R5F524TAADFM Datasheet HTML 6Page - Renesas Technology Corp R5F524TAADFM Datasheet HTML 7Page - Renesas Technology Corp R5F524TAADFM Datasheet HTML 8Page - Renesas Technology Corp R5F524TAADFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 133 page
background image
R01DS0257EJ0200 Rev.2.00
Page 5 of 133
Apr 14, 2017
RX24T Group
1. Overview
12-bit A/D converter (S12ADF)
• 12 bits (5 channels × 2 units/12 channels × 1 unit)
• 12-bit resolution
• Minimum conversion time: 1.0 µs per channel when the ADCLK is operating at 40 MHz
• Operating modes
Scan mode (single scan mode, continuous scan mode, and 3 group scan mode)
Group A priority control (only for 3 group scan mode)
• Sampling variable
Sampling time can be set up for each channel
• Self-diagnostic function
• Double trigger mode (A/D conversion data duplicated)
• Assist on analog input disconnection detection
• A/D conversion start conditions
A software trigger, a trigger from a timer (MTU3, GPT, TMR), or an external trigger signal
• Sample-and-hold function
Sample-and-hold circuit included (3 channels for unit 1)
• Amplification of input signals by a programmable gain amplifier (1 channel for unit 0, 3 channels for
unit 1)
Amplification rate: 2.0 times, 2.5 times, 3.077 times, 3.636 times, 4.0 times, 4.444 times (total of 6
steps)
Comparator C (CMPC)
• 4 channels
• Function to compare the reference voltage and the analog input voltage
• Reference voltage: Select from among two voltages
• Analog input voltage is selectable from 4 inputs
8-bit D/A converter (DA, DAa)
• DA
1 channel
8-bit resolution
Output voltage: 0 V to VREF
Dedicated for generating comparator C reference voltage
• DAa
2 channels
8-bit resolution
Output voltage: 0 V to VREF
Can be output externally and used as comparator C reference voltage
Safety
Memory protection unit
(MPU)
• Protection area: Eight areas (max.) can be specified in the range from 0000 0000h to FFFF FFFFh.
• Minimum protection unit: 16 bytes
• Reading from, writing to, and enabling the execution access can be specified for each area.
• An address exception occurs when the detected access is not in the permitted area.
Register write protection
function
• Protects important registers from being overwritten for in case a program runs out of control.
CRC calculator (CRC)
• CRC code generation for arbitrary amounts of data in 8-bit units
• Select any of three generating polynomials:
X8 + X2 + X + 1, X16 + X15 + X2 + 1, or X16 + X12 + X5 + 1
• Generation of CRC codes for use with LSB-first or MSB-first communications is selectable.
Main clock oscillation stop
function
• Main clock oscillation stop detection: Available
Clock frequency accuracy
measurement circuit (CAC)
• Monitors the clock output from the main clock oscillator, high-speed on-chip oscillator, low-speed on-
chip oscillator, the PLL frequency synthesizer, IWDT-dedicated on-chip oscillator, and PCLKB.
Data operation circuit (DOC) The function to compare, add, or subtract 16-bit data
Power supply voltages/Operating frequencies
VCC = 2.7 to 5.5 V: 80 MHz
Packages
100-pin LFQFP 0.5 mm pitch
80-pin LQFP 0.65 mm pitch
80-pin LFQFP 0.5 mm pitch
64-pin LFQFP 0.5 mm pitch
On-chip debugging system
E1 emulator (FINE interface)
Table 1.1
Outline of Specifications (4/4)
Classification
Module/Function
Description


Similar Part No. - R5F524TAADFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F524UBADFB RENESAS-R5F524UBADFB Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UBADFB#30 RENESAS-R5F524UBADFB#30 Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UBADFP RENESAS-R5F524UBADFP Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UBADFP#30 RENESAS-R5F524UBADFP#30 Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UCADFB RENESAS-R5F524UCADFB Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
More results

Similar Description - R5F524TAADFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
   Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
logo
NXP Semiconductors
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
   Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
   Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
   ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
Freescale Semiconductor...
68HC05PL4 FREESCALE-68HC05PL4 Datasheet
3Mb / 98P
   Industry standard 8-bit M68HC05 CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com