Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F524UBADFB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F524UBADFB
Description  32-bit RXv2 CPU core
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F524UBADFB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F524UBADFB Datasheet HTML 7Page - Renesas Technology Corp R5F524UBADFB Datasheet HTML 8Page - Renesas Technology Corp R5F524UBADFB Datasheet HTML 9Page - Renesas Technology Corp R5F524UBADFB Datasheet HTML 10Page - Renesas Technology Corp R5F524UBADFB Datasheet HTML 11Page - Renesas Technology Corp R5F524UBADFB Datasheet HTML 12Page - Renesas Technology Corp R5F524UBADFB Datasheet HTML 13Page - Renesas Technology Corp R5F524UBADFB Datasheet HTML 14Page - Renesas Technology Corp R5F524UBADFB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 131 page
background image
R01DS0278EJ0100 Rev.1.00
Page 11 of 131
Mar 31, 2017
RX24U Group
1. Overview
Serial communi-
cations interface
(SCIg)
SMISO1, SMISO5, SMISO6,
SMISO8, SMISO9,
SMISO11
I/O
Input/output pins for slave transmit data.
SMOSI1, SMOSI5, SMOSI6,
SMOSI8, SMOSI9,
SMOSI11
I/O
Input/output pins for master transmit data.
SS1#, SS5#, SS6#, SS8#,
SS9#, SS11#
Input
Chip-select input pins.
I2C bus interface
(RIICa)
SCL0
I/O
Input/output pin for I2C bus interface clocks. Bus can be directly driven by
the N-channel open drain output.
SDA0
I/O
Input/output pin for I2C bus interface data. Bus can be directly driven by
the N-channel open drain output.
Serial peripheral
interface
(RSPIb)
RSPCKA
I/O
Input/output pin for the RSPI clock.
MOSIA
I/O
Input/output pin for transmitting data from the RSPI master.
MISOA
I/O
Input/output pin for transmitting data from the RSPI slave.
SSLA0
I/O
Input/output pin to select the slave for the RSPI.
SSLA1 to SSLA3
Output
Output pins to select the slave for the RSPI.
CAN module
(RSCAN)
CRXD0
Input
Input pin
CTXD0
Output
Output pin
12-bit A/D
converter
(S12ADF)
AN000 to AN003, AN016,
AN100 to AN103, AN116,
AN200 to AN211
Input
Input pins for the analog signals to be processed by the A/D converter.
ADST0, ADST1, ADST2
Output
Output pins for A/D conversion status.
ADTRG0#, ADTRG1#,
ADTRG2#
Input
Input pins for the external trigger signals that start the A/D conversion.
PGAVSS0
Input
AN000 PGA gain setting resistor reference ground pin: Connect to AVSS0
when the PGA is not used.
PGAVSS1
Input
AN100 to 102 PGA gain setting resistor reference ground pin: Connect to
AVSS1 when the PGA is not used.
8-bit D/A
converter (DAa)
DA0, DA1
Output
Output pins for the analog signals to be processed by the D/A converter
Comparator C
(CMPC)
COMP0 to COMP3
Output
Comparator detection result output pins.
CMPC00 to CMPC03
Input
Analog input pins for CMPC0
CMPC10 to CMPC13
Input
Analog input pins for CMPC1
CMPC20 to CMPC23
Input
Analog input pins for CMPC2
CMPC30 to CMPC33
Input
Analog input pins for CMPC3
Analog power
supply
AVCC0
Analog power supply and reference power supply pin for 12-bit A/D
converter unit 0. Connect the AVCC0 pin to AVCC1, or AVCC2 when 12-
bit A/D converter unit 0 is not used.
AVSS0
Analog ground and reference ground pin for 12-bit A/D converter unit 0.
Connect the AVSS0 pin to AVSS1 or AVSS2 when 12-bit A/D converter
unit 0 is not used.
AVCC1
Analog power supply and reference power supply pin for 12-bit A/D
converter unit 1. Connect the AVCC1 pin to AVCC0, or AVCC2 when 12-
bit A/D converter unit 1 is not used.
AVSS1
Analog ground and reference ground pin for 12-bit A/D converter unit 1.
Connect the AVSS1 pin to AVSS0 or AVSS2 when 12-bit A/D converter
unit 1 is not used.
Table 1.4
Pin Functions (3/4)
Classifications
Pin Name
I/O
Description


Similar Part No. - R5F524UBADFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F524T8ADFF RENESAS-R5F524T8ADFF Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFF#31 RENESAS-R5F524T8ADFF#31 Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFM RENESAS-R5F524T8ADFM Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFM#31 RENESAS-R5F524T8ADFM#31 Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFN RENESAS-R5F524T8ADFN Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
More results

Similar Description - R5F524UBADFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
   Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
logo
NXP Semiconductors
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
   Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
   Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
   ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
Freescale Semiconductor...
68HC05PL4 FREESCALE-68HC05PL4 Datasheet
3Mb / 98P
   Industry standard 8-bit M68HC05 CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com