Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX24T Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # RX24T
Description  32-bit RXv2 CPU core
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX24T Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button RX24T Datasheet HTML 86Page - Renesas Technology Corp RX24T Datasheet HTML 87Page - Renesas Technology Corp RX24T Datasheet HTML 88Page - Renesas Technology Corp RX24T Datasheet HTML 89Page - Renesas Technology Corp RX24T Datasheet HTML 90Page - Renesas Technology Corp RX24T Datasheet HTML 91Page - Renesas Technology Corp RX24T Datasheet HTML 92Page - Renesas Technology Corp RX24T Datasheet HTML 93Page - Renesas Technology Corp RX24T Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 133 page
background image
R01DS0257EJ0200 Rev.2.00
Page 90 of 133
Apr 14, 2017
RX24T Group
5. Electrical Characteristics
Note 1. Time until the clock can be used after the main clock oscillator stop bit (MOSCCR.MOSTP) is set to 0 (operating) when the
external clock is stable.
Note 2. Reference values when an 8-MHz resonator is used.
When specifying the main clock oscillator stabilization time, set the MOSCWTCR register with a stabilization time value that is
equal to or greater than the resonator-manufacturer-recommended value.
After changing the setting of the MOSCCR.MOSTP bit so that the main clock oscillator operates, read the OSCOVFSR.MOOVF
flag to confirm that is has become 1, and then start using the main clock.
Figure 5.22
EXTAL External Clock Input Timing
Table 5.16
Clock Timing
Conditions: VCC = 2.7 V to 5.5 V, AVCC0 = AVCC1 = AVCC2 = VREF = VCC to 5.5 V, VSS = AVSS0 = AVSS1 = AVSS2 =
0 V, Ta = –40 to +85°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
EXTAL external clock input cycle time
tXcyc
50
ns
Figure 5.22
EXTAL external clock input high pulse width
tXH
20
ns
EXTAL external clock input low pulse width
tXL
20
ns
EXTAL external clock rise time
tXr
——
5
ns
EXTAL external clock fall time
tXf
——
5
ns
EXTAL external clock input wait time*1
tXWT
0.5
μs
Main clock oscillator oscillation frequency
fMAIN
1—
20
MHz
Main clock oscillation stabilization time (crystal)*2
tMAINOSC
3
ms
Figure 5.23
Main clock oscillation stabilization time (ceramic
resonator)*2
tMAINOSC
—50—
μs
LOCO clock oscillation frequency
fLOCO
3.44
4.0
4.56
MHz
LOCO clock oscillation stabilization time
tLOCO
0.5
μs
Figure 5.24
HOCO clock oscillation frequency
fHOCO
(32MHz)
31.52
32
32.48
MHz
Ta = –40 to –20°C
31.68
32
32.32
MHz
Ta = –20 to +75°C
31.52
32
32.48
MHz
Ta = +75 to +85°C
fHOCO
(64MHz)
63.04
64
64.96
MHz
Ta = –40 to –20°C
63.36
64
64.64
MHz
Ta = –20 to +75°C
63.04
64
64.96
MHz
Ta = +75 to +85°C
HOCO clock oscillation stabilization time
tHOCO
(32MHz)
37.1
μs
Figure 5.26
tHOCO
(64MHz)
80.6
μs
Figure 5.26
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
IWDT-dedicated clock oscillation stabilization time
tILOCO
50
μs
Figure 5.27
PLL circuit oscillation frequency
fPLL
40
80
MHz
PLL clock oscillation stabilization time
tPLL
50
μs
Figure 5.28
PLL free-running oscillation frequency
fPLLFR
—8—
MHz
tXH
tXcyc
EXTAL external clock input
VCC × 0.5
tXL
tXr
tXf


Similar Part No. - RX24T

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RX2405S RECOM-RX2405S Datasheet
103Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX2409S RECOM-RX2409S Datasheet
103Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX2412S RECOM-RX2412S Datasheet
103Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX2415S RECOM-RX2415S Datasheet
103Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX2424S RECOM-RX2424S Datasheet
103Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RX24T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
   Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
logo
NXP Semiconductors
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
   Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
   Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
   ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
Freescale Semiconductor...
68HC05PL4 FREESCALE-68HC05PL4 Datasheet
3Mb / 98P
   Industry standard 8-bit M68HC05 CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com