Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7FS128783A01CFM Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R7FS128783A01CFM
Description  Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FS128783A01CFM Datasheet(HTML) 5 Page - Renesas Technology Corp

  R7FS128783A01CFM Datasheet HTML 1Page - Renesas Technology Corp R7FS128783A01CFM Datasheet HTML 2Page - Renesas Technology Corp R7FS128783A01CFM Datasheet HTML 3Page - Renesas Technology Corp R7FS128783A01CFM Datasheet HTML 4Page - Renesas Technology Corp R7FS128783A01CFM Datasheet HTML 5Page - Renesas Technology Corp R7FS128783A01CFM Datasheet HTML 6Page - Renesas Technology Corp R7FS128783A01CFM Datasheet HTML 7Page - Renesas Technology Corp R7FS128783A01CFM Datasheet HTML 8Page - Renesas Technology Corp R7FS128783A01CFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
R01DS0309EU0100 Rev.1.00
Page 5 of 107
Mar 10, 2017
S128
1. Overview
1.
Overview
The S128 MCU integrates multiple series of software- and pin-compatible ARM®-based 32-bit MCUs that share a
common set of Renesas peripherals to facilitate design scalability and efficient platform-based product development.
Based on the energy-efficient ARM Cortex®-M0+ 32-bit core, this MCU is particularly suited for cost-sensitive and low-
power applications. The MCU in this series has the following features:
 Up to 256 KB code flash memory
 24-KB SRAM
 Capacitive Touch Sensing Unit (CTSU)
 14-bit A/D Converter (ADC14)
 8-bit D/A Converter (DAC8)
 Security features.
1.1
Function Outline
Table 1.1
ARM core
Feature
Functional description
ARM Cortex-M0+
 Maximum operating frequency: up to 32 MHz
 ARM Cortex-M0+
- Revision: r0p1-00rel0
- ARMv6-M architecture profile
- Single-cycle integer multiplier.
 ARM Memory Protection Unit (MPU)
- ARMv6 Protected Memory System Architecture
- 8 protection regions.
 SysTick timer
- Driven by LOCO clock.
Table 1.2
Memory
Feature
Functional description
Code flash memory
Maximum 256 KB code flash memory. See section 42, Flash Memory in User’s Manual.
Data flash memory
4 KB data flash memory. See section 42, Flash Memory in User’s Manual.
Option-setting memory
The option-setting memory determines the state of the MCU after a reset. See section 6,
Option-Setting Memory in User’s Manual.
SRAM
On-chip high-speed SRAM with either parity bit or Error Correction Code (ECC). See section
41, SRAM in User’s Manual.
Table 1.3
System (1 of 2)
Feature
Functional description
Operating mode
Two operating modes:
 Single-chip mode
 SCI boot mode.
See section 3, Operating Modes in User’s Manual.


Similar Part No. - R7FS128783A01CFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FS124762A01CLM RENESAS-R7FS124762A01CLM Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CFL RENESAS-R7FS124763A01CFL Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CFM RENESAS-R7FS124763A01CFM Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CNB RENESAS-R7FS124763A01CNB Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
R7FS124763A01CNE RENESAS-R7FS124763A01CNE Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
More results

Similar Description - R7FS128783A01CFM

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com