Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEE-19 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LEE-19
Description  Surface Mount Monolithic Amplifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LEE-19 Datasheet(HTML) 1 Page - Mini-Circuits

  LEE-19 Datasheet HTML 1Page - Mini-Circuits LEE-19 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
REV. D
M90145
LEE-19
ED-10757/1
LEE-29
ED-10757/2
LEE-39
ED-10757/3
LEE-49
ED-10757/4
LEE-59
ED-10757/5
RS/YB/LC
031210
Page 1 of 2
Features
• frequency range, DC to 8 GHz, useable to 10 GHz
• up to 17.3 dBm typ. output power
• excellent package for heat dissipation, exposed metal bottom
• flat output power to 10 GHz (LEE-19,-29,-39)
50
Ω, Broadband, DC to 8 GHz
Electrical Specifications @ 25°C
Maximum Ratings
Operating Temperature
-45°C to 85°C
Storage Temperature
-65°C to 150°C
Applications
• cellular
• PCS
• communication receivers & transmitters
• satellite communication, military
FREQ.s
s
s
s
s
(GHz)
MODEL
NO.
RF IN
1
RF OUT
3
DC
3
GND EXT.
2,4
DEMO BOARD
LEE-TB
f
L - fU
DC OPERATING
POWER
@Pin 3
(note 4)
VSWR
(:1)
Typ.
DYNAMIC
RANGE
NF
dB
Typ.
IP3
dBm
Typ.
MAXIMUM
POWER, dBm
Input
(no
dmg.)
Output
(1dB Comp.)
1
0.1
Min. @
2GHz
GAIN, dB Typical
over frequency, GHz
24
58
10
MAXIMUM
CURRENT
RATING3
Out
DC-3
GHz
3-f
U
GHz
THERMAL
RESIS-
TANCE
In
Cur-
rent
(mA)
Device
Volt
Typ Min Max
θjc,
typ.
°C/W
I
mA
DC-3
GHz
PRICE
$
Qty.
(25)
3-f
U
GHz
f
U is the upper frequency limit for each model as shown in the table.
s
s
s
s
s Low frequency cutoff determined by external coupling capacitors.
3 Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation.
4. Supply voltage must be connected to pin 3 through a bias resistor in order to
prevent damage. See "Biasing MMIC Amplifiers" in minicircuits.com/
application.html. Reliability predictions are applicable at specified current &
normal operating conditions.
Model Identification
Model
Marking
LEE-19
19
LEE-29
29
LEE-39
39
LEE-49
49
LEE-59
59
Pin Configuration
Prefix letter (optional) designates assembly location.
Suffix letters (optional) are for wafer identification.
CASE STYLE : FG873
1
10
10
100
100
1,000
1,000
140
140
160
160
180
180
200
200
220
220
Junction Temp (
Junction Temp (˚C)
C)
MTTF vs. Junction Temp.
(LEE-19,-29,-39,-49,-59)
2 GHz
f
U
Low Power
LEE-19
DC-8
12.1 12.0 12.1 12.0 11.6 10.6
9.0
9.6
10.2 11.3
15
6.5
24.5
1.5
1.2
1.4
1.8
55
40
3.6 3.2 4.0
322
1.19
LEE-29
DC-8
15.5 15.4 15.4 14.9 14.1 12.5 10.6
13.3
10.9 11.3
15
5.5
25.5
1.4
1.3
1.3
1.6
55
40
3.6 3.2 4.0
334
1.19
LEE-39
DC-8
21.9 21.4 20.8 18.3 16.6 13.5 10.5
18.5
10.4 11.3
13
4.5
23.4
1.3
1.4
1.3
1.6
55
35
3.5 3.1 3.9
321
1.19
Medium Power
LEE-49
DC-5
14.0 13.9 14.3 14.0 13.1
7.8
12.0
16.4 10.8
15
5.5
33
1.6
1.2
1.4
1.4
85
65
4.9 4.5 5.3
229
1.79
LEE-59
DC-5
20.6 20.3 19.7 15.8 13.8
7.6
17.8
17.3 11.7
13
4.5
33
1.5
1.5
1.5
1.6
85
65
4.8 4.3 5.2
244
1.79
NEW!
LEE-19 • LEE-29 • LEE-39
LEE-49 • LEE-59
KIT
No.
No. of
Units in KIT
Description
designers kits available
Price $
per KIT
K1-LEE
50
Kit includes 1 test board plus
99.95
10 of each: LEE-19,-29,-39,-49,-59
Monolithic Amplifiers
Surface Mount


Similar Part No. - LEE-19

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LEE-19 MINI-LEE-19 Datasheet
107Kb / 2P
   MONOLITHIC AMPLIFIERS
LEE-19++ MINI-LEE-19+ Datasheet
200Kb / 1P
   Amplifiers
More results

Similar Description - LEE-19

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-19_29_39_49 MINI-GALI-19_29_39_49_59 Datasheet
98Kb / 2P
   Surface Mount Monolithic Amplifiers
DG03-170A MINI-DG03-170A Datasheet
107Kb / 2P
   MONOLITHIC AMPLIFIERS
K1-PHA MINI-K1-PHA Datasheet
377Kb / 1P
   Monolithic Amplifiers
REV. OR
MERA-533 MINI-MERA-533 Datasheet
200Kb / 5P
   Surface Mount Dual MatchedMMIC Amplifiers
ERA-8SM MINI-ERA-8SM Datasheet
124Kb / 1P
   Surface Mount Monolithic Amplifier
GVA-84++ MINI-GVA-84+ Datasheet
716Kb / 4P
   Surface Mount Monolithic Amplifier
GALI5 MINI-GALI5 Datasheet
133Kb / 4P
   Surface Mount Monolithic Amplifier
logo
Analog Devices
AD595CDZ AD-AD595CDZ Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers
REV. C
logo
Raltron Electronics Cor...
F13 RALTRON-F13 Datasheet
30Kb / 1P
   SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
F10 RALTRON-F10 Datasheet
27Kb / 1P
   SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com