Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1295 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1295
Description  Integrated Circuit TV Signal Processor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1295 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1295 Datasheet HTML 1Page - NTE Electronics NTE1295 Datasheet HTML 2Page - NTE Electronics NTE1295 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Circuit Current
I7
Apply 12V with 240
Ω to Pin7
7.5
11.2
15.0
mA
I15
V15–8 = 12V
15.5
23.0
32.0
mA
Protector Operating Voltage
V5–8
Apply 12V with 240
Ω to Pin7
0.64
0.70
0.76
V
Oscillation Starting Voltage
(V
 Osc)
VOSC–S
fVO = 40 to 70Hz, 1.0VP–P or More
6.2
V
Vertical Oscillation Frequency
fVO
VCC1 = 12V
53
55
58
Hz
fVO Change with Supply Voltage
∆fVO/VCC fVO|9.6V to fVO|14.4V
0
0.93
1.3
Hz
Pulse Width (V
 Osc)
t
VCC1 = 12V
500
600
820
µs
Vertical Pull–In Range
fVP
ROSC = 10.93kΩ, (fVO = 48 ±1.5Hz)
50
Hz
Vertical Sawtooth Wave
Amplification
v(saw)
RSAW = 26.4kΩ
1.8
2.0
2.2
VP–P
fVO Change with Ambient
Temperature
∆fVO/TA TA = –20° to +70°C, Note 2
–220
–170
0
ppm/
°C
v(saw) Change with Ambient
Temperature
∆v(saw)/TA TA = –20° to +70°C, Note 2
30
mVP–P/°C
Vertical Output Tr Drive Current
I9
7.5
mA
Oscillation Starting Voltage
(H
 Osc)
VOSC–S
fHO = 10 to 20kHz,
1.4VP–P or More (VCC2 = 6.5V)
6
V
Horizontal Oscillation Frequency
fHO
VCC2 = 12V
15.0
15.6
16.25
kHz
fHO Change with Supply Voltage
∆fHO/VCC fHO|13V to fHO|10V
0
25
45
Hz
Pulse Width Duty Ratio (H
 Osc)
t
VCC2 = 12V
32.0
36.0
39.5
%
fHO Control Sensitivity
b
IO = ±100mA
19
21
23
Hz/
µA
fHO Change with Ambient
Temperature
∆fHO/TA TA = –20° to +70°C, Note 2
–210
–100
0
ppm/
°C
AFC Loop Gain
fAFC
m x b
5800
7700
9600
Hz/rad
Note 2. Design reference value.
VCC
Vert Output
Vert Height
Vert Ramp Generator
1
2
3
4
Horiz Sawtooth
Filter
Horiz Hold
Bypass
5
Protector Input
6
Horiz Driver
7
Voltage Regulator
8
GND
18
17
16
15
Video Input
Noise Detector
Horiz Sync Output
14 Bypass
13 Vert Hold
12
11
Vert Driver Input
9
10
Pin Connection Diagram


Similar Part No. - NTE1295

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE129 NTE-NTE129 Datasheet
27Kb / 3P
   Silicon Complementary Transistors Audio Output, Video, Driver
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
   Integrated Circuit AM Tuner for Car Radio
NTE1292 NTE-NTE1292 Datasheet
25Kb / 3P
   Integrated Circuit IF Amplifier and Detector
NTE1293 NTE-NTE1293 Datasheet
22Kb / 2P
   Integrated Circuit Dual, Audio Power Amp, 5.8W/Ch
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 1.2W
More results

Similar Description - NTE1295

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1727 NTE-NTE1727 Datasheet
24Kb / 3P
   Integrated Circuit TV Signal Processor
NTE1299 NTE-NTE1299 Datasheet
81Kb / 3P
   Integrated Circuit TV Signal Processor
NTE731 NTE-NTE731 Datasheet
78Kb / 3P
   Integrated Circuit TV Video Signal Processor
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
NTE1297 NTE-NTE1297 Datasheet
82Kb / 3P
   Integrated Circuit TV Color Signal Processor/Demodulator
NTE1471 NTE-NTE1471 Datasheet
72Kb / 2P
   Integrated Circuit Color TV Deflection Signal Processor
NTE1556 NTE-NTE1556 Datasheet
21Kb / 2P
   Integrated Circuit VIR Signal Processor for Color TV
NTE1664 NTE-NTE1664 Datasheet
26Kb / 3P
   Integrated Circuit TV Hotizontal/Vertical Sync Signal Processor
NTE1177 NTE-NTE1177 Datasheet
25Kb / 2P
   Integrated Circuit TV Luminance Processor
NTE1080 NTE-NTE1080 Datasheet
19Kb / 2P
   Integrated Circuit TV Video Processor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com