Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS255-C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LPS255-C
Description  Single wire current sharing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS255-C Datasheet(HTML) 3 Page - Artesyn Technologies

  LPS255-C Datasheet HTML 1Page - Artesyn Technologies LPS255-C Datasheet HTML 2Page - Artesyn Technologies LPS255-C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LPS250 Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade
names, trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded
Technologies, Inc. All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
LPS250 DS 18Mar2016
Mechanical Drawing
5.0 (127.0)
2.0
(50.8)
1.18 (30.0)
9.0
(228.6)
6.64
(168.6)
3.42 (87.0)
.79
(20)
SK3
SK1
12345678
3 2 1
SK5
+ve -ve
Terminal
Block TB1
SK4
FAN
#6-32 (4 places)
5.46
(138.6)
8.52
(216.4)
M3 (4 places)
3.68
(93.6)
3.15
(80)
2.17
(55)
3.0
(76.2)
.55
(14)
1.30
(33.0)
Optional
(-CF)
Cover
with Fan
Optional
(-CEF)
Cover
with fans
10.32
(262.0)
SK7
FAN
AC Inlet
10.0
10.0
10.0
#6-32
M3
M3
#6-32
#6-32
Optional
(-CEF)
Cover
with fans
Optional
(-CF)
Cover
with Fan
.24 (6.1)
6-32 (2 places)
Main Output
6-32 (3 places)
Pin Assignments
Connector
SK1
PIN 1
Neutral
PIN 2
Line
PIN 3
Ground
SK3
PIN 1
+ Remote sense
PIN 2
- Remote sense
PIN 3
Remote inhibit (N.O.)
PIN 4
Remote inhibit (N.C.)
PIN 5
Common
PIN 6
Current sharing
PIN 7
Power fail
PIN 8
DC Power Good
SK4
PIN 1
+ Fan’s power source (12 V @ 500 mA)
PIN 2
- Fan’s power source (12 V @ 500 mA)
SK5
PIN 1
+ Supervisory output supply (5 V @ 100 mA)
PIN 2
- Supervisory output supply (5 V @ 100 mA)
SK7
PIN 1
+ Fan’s power source (12 V @ 500 mA)
PIN 2
- Fan’s power source (12 V @ 500 mA)
Mating Connectors
SK3
Molex 22-01-1084
PINS:08-70-0057
SK4
Molex 22-01-3027
PINS: 08-50-0114
SK5
Molex 22-01-3027
PINS: 08-50-0114
SK7
Molex 22-01-3027
PINS: 08-50-0114
Artesyn Embedded Technologies Connector Kit #70-841-005, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ± 0.02”(± 0.5 mm)
3. Specifications are at factory settings.
4. To enable normally closed remote inhibit, cut jumper J1.
5. Mounting maximum insertion depth is 0.12”.
6. Warranty: 2 year
7. Weight: 2.6 lb / 1.19 kg


Similar Part No. - LPS255-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS255-C ASTEC-LPS255-C Datasheet
451Kb / 2P
   250 Watts
logo
Emerson Network Power
LPS255-C EMERSON-NETWORKPOWER-LPS255-C Datasheet
427Kb / 3P
   Active power factor correction
logo
Artesyn Technologies
LPS255-C ARTESYN-LPS255-C Datasheet
492Kb / 3P
   Total Power: 250 Watts
LPS255-C ARTESYN-LPS255-C Datasheet
492Kb / 3P
   250 Watts
LPS255-CEF ARTESYN-LPS255-CEF Datasheet
492Kb / 3P
   250 Watts
More results

Similar Description - LPS255-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NTS350 ARTESYN-NTS350 Datasheet
891Kb / 5P
   Single wire current sharing
logo
Vicor Corporation
PI3740-00 VICOR-PI3740-00 Datasheet
1Mb / 48P
   Parallel capable with single wire current sharing
logo
Total Power Internation...
TPAC400 TOTAL-POWER-TPAC400 Datasheet
405Kb / 2P
   THIRD-WIRE CURRENT SHARING
logo
Wall Industries,Inc.
PS800 WALL-PS800 Datasheet
156Kb / 4P
   800 Watt Single Output PFC and Current Sharing PFC and Current Sharing
logo
ON Semiconductor
CS5305 ONSEMI-CS5305 Datasheet
879Kb / 33P
   Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
July, 2006 ??Rev. 7
logo
SL Power Electronics
SPF-500 SLPOWER-SPF-500 Datasheet
71Kb / 2P
   500-1000 Watts Single Output, Forced Current Sharing
logo
Texas Instruments
LM5080 TI1-LM5080 Datasheet
924Kb / 22P
[Old version datasheet]   Modular Current Sharing Controller
logo
National Semiconductor ...
LM5080 NSC-LM5080 Datasheet
1Mb / 13P
   Modular Current Sharing Controller
logo
STMicroelectronics
AN1126 STMICROELECTRONICS-AN1126 Datasheet
197Kb / 16P
   CURRENT SHARING OF THE L4973
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com