Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGA80D Datasheet(PDF) 5 Page - Artesyn Technologies

Part # LGA80D
Description  Wide operating temperature range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LGA80D Datasheet(HTML) 5 Page - Artesyn Technologies

  LGA80D Datasheet HTML 1Page - Artesyn Technologies LGA80D Datasheet HTML 2Page - Artesyn Technologies LGA80D Datasheet HTML 3Page - Artesyn Technologies LGA80D Datasheet HTML 4Page - Artesyn Technologies LGA80D Datasheet HTML 5Page - Artesyn Technologies LGA80D Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LGA80D Series Data Sheet
Mechanical Drawings
Pin Assignments
Single Output
Pin #
Function
1
Vin
2
GND
3
PG1
4
PG2
5
EN1
6
EN2
7
SYNC
8
SHARE
9
ADDR
10
SCL
11
SDA
12
SALERT
13
SGND
14
ASCRCFG
15
CFG
16
Vtrim1
17
VS1+
18
VS1-
19
Vtrim2
20
VS2-
21
VS2+
22
Vo1
23
Vo1
24
GND
25
Vo2
26
Vo2
27
GND
28
Vin
RECOMMENDED PAD LAYOUT (FOOTPRINT)
Notes:
Dimensions are in millimeters and (inches)
Tolerance: X.X mm ±0.5 mm (X.XX in. ±0.02 in.)
X.XX mm ±0.25 mm (X.XXX in. ±0.010 in.)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
0.65 (2X)
3.50
6.15
7.95
9.75
11.55
13.35
15.15
16.95
18.75
20.55
22.35
0.35
3.25
6.50
9.75
13.00
15.65
17.40
19.15
20.90
22.65
21.50 (4X)
2.90 (9X)
1.10 (19X)


Similar Part No. - LGA80D

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
LGA80D ADVANCEDENERGY-LGA80D Datasheet
490Kb / 8P
   Dual O/P Non-isolated 80 A Digital DC/DC Converter
logo
Artesyn Technologies
LGA80D-00DADJJ ARTESYN-LGA80D-00DADJJ Datasheet
587Kb / 6P
   Dual O/P Non-isolated 80 A Digital DC/DC Converter
More results

Similar Description - LGA80D

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
   Wide operating temperature range
Rev: C
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
   Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
   Wide operating temperature range
Rev: L
UBBL19 ULTRALIFE-UBBL19 Datasheet
107Kb / 2P
   Wide operating temperature range
Rev: D
UHR-CR26650 ULTRALIFE-UHR-CR26650 Datasheet
620Kb / 2P
   Wide operating temperature range
Rev: F
logo
XP Power Limited
BCC XPPOWER-BCC Datasheet
292Kb / 2P
   Wide Operating Temperature Range
logo
Ultralife Corporation.
UBBL23 ULTRALIFE-UBBL23 Datasheet
84Kb / 2P
   Wide operating temperature range
Rev: D
UHR-CR26500 ULTRALIFE-UHR-CR26500 Datasheet
571Kb / 2P
   Wide operating temperature range
Rev: G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com