Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW35N10V Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW35N10V
Description  N-channel Enhanced mode DFN5*6 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW35N10V Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW35N10V Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW35N10V Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW35N10V Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW35N10V Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW35N10V Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW35N10V Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jun. 2016. Rev. 3.0
1/6
SW35N10V
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
100
V
I
D
Continuous drain current (@T
C=25
oC)
35*
A
Continuous drain current (@T
C=100
oC)
22*
A
I
DM
Drain current pulsed
(note 1)
140
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
392
mJ
E
AR
Repetitive avalanche energy
(note 1)
22
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
1.45
W
Derating factor above 25oC
0.01
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient
86
oC/W
*. Drain current is limited by junction temperature.
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW HA 35N10V
SW35N10V
DFN5x6
REEL
N-channel Enhanced mode DFN5*6 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 11.6mΩ)@VGS=10V
(Typ 12.4m
Ω)@V
GS=4.5V
 Low Gate Charge (Typ 117nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Synchronous Rectification,
Li Battery Protect Board, Inverter
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 100V
I
D
: 35A
R
DS(ON) : 11.6mΩ@VGS=10V
12.4m
Ω@V
GS=4.5V
1
2
3
DFN5x6


Similar Part No. - SW35N10V

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
SW3 4DSYSTEMS-SW3 Datasheet
3Mb / 20P
   microOLED Display Modules
REVISION: 1.5
logo
DONG IL TECHNOLOGY LTD.
SW3 DIT-SW3 Datasheet
1Mb / 2P
   EMI/EMC FILTER
SW3-F12-4 DIT-SW3-F12-4 Datasheet
1Mb / 2P
   EMI/EMC FILTER
SW3-F12-42 DIT-SW3-F12-42 Datasheet
1Mb / 2P
   EMI/EMC FILTER
SW3-F12-5 DIT-SW3-F12-5 Datasheet
1Mb / 2P
   EMI/EMC FILTER
More results

Similar Description - SW35N10V

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW40N06V SEMIPOWER-SW40N06V Datasheet
909Kb / 6P
   N-channel Enhanced mode DFN5*6 MOSFET
SW100R08VT SEMIPOWER-SW100R08VT Datasheet
900Kb / 6P
   N-channel Enhanced mode DFN5*6 MOSFET
SW026R03VT SEMIPOWER-SW026R03VT Datasheet
664Kb / 6P
   N-channel Enhanced mode DFN5*6 MOSFET
SW60N04V SEMIPOWER-SW60N04V Datasheet
625Kb / 6P
   N-channel Enhanced mode DFN5*6 MOSFET
SW80N06V1 SEMIPOWER-SW80N06V1 Datasheet
930Kb / 6P
   N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW069R06VT SEMIPOWER-SW069R06VT Datasheet
817Kb / 6P
   N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW80N08V1 SEMIPOWER-SW80N08V1 Datasheet
887Kb / 6P
   N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW069R10VS SEMIPOWER-SW069R10VS Datasheet
714Kb / 7P
   N-channel Enhanced mode DFN5*6/TO-251/TO-252/TO-220 MOSFET
SW15P02 SEMIPOWER-SW15P02 Datasheet
1Mb / 7P
   P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
   N-channel Enhanced mode TO-220 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com