Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW5N60D Datasheet(PDF) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW5N60D
Description  N-channel Enhanced mode TO-220F/TO-220SF MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW5N60D Datasheet(HTML) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW5N60D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW5N60D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW5N60D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW5N60D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW5N60D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW5N60D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jan. 2017. Rev. 4.0
5/6
SW5N60D
V
DD
DUT
V
DS
R
L
R
GS
10V
IN
10%
V
DS
V
IN
90%
10%
t
d(on)
t
r
t
ON
t
d(off)
t
OFF
t
f
Fig. 14. Switching time test circuit & waveform
Fig. 13. Gate charge test circuit & waveform
V
DS
Same type
as DUT
DUT
V
GS
Ig
Q
G
Q
GS
Q
GD
V
GS
Charge(nC)
10V
Fig. 12. Transient thermal response curve(TO-220SF)


Similar Part No. - SW5N60D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW5N60 SEMIPOWER-SW5N60 Datasheet
384Kb / 5P
   N-channel TO-220F MOSFET
More results

Similar Description - SW5N60D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW12N70D SEMIPOWER-SW12N70D Datasheet
848Kb / 7P
   N-channel Enhanced mode TO-220F/TO-262/TO-220SF/TO-220FT MOSFET
SW10N65D SEMIPOWER-SW10N65D Datasheet
1Mb / 7P
   N-channel Enhanced mode TO-220F/TO-220SF/TO-220/TO-262 MOSFET
SW4N65DD SEMIPOWER-SW4N65DD Datasheet
725Kb / 6P
   N-channel Enhanced mode TO-251N/TO-251N-S2/TO-220F/TO-220SF MOSFET
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
   N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
SW15N50D SEMIPOWER-SW15N50D Datasheet
645Kb / 6P
   N-channel Enhanced mode TO-220SF MOSFET
SW12N65DA SEMIPOWER-SW12N65DA Datasheet
683Kb / 6P
   N-channel Enhanced mode TO-220SF MOSFET
SW6N65K SEMIPOWER-SW6N65K Datasheet
1Mb / 8P
   N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-262 /TO-220SF MOSFET
SW12N65D SEMIPOWER-SW12N65D Datasheet
585Kb / 6P
   N-channel Enhanced mode TO-220SF/TO-220FT MOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
   N-channel Enhanced mode TO-220F MOSFET
SW12N60D SEMIPOWER-SW12N60D Datasheet
631Kb / 6P
   N-channel Enhanced mode TO-220F MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com