Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XUP718 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # XUP718
Description  IDT XO LVPECL Crystal Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUP718 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button XUP718 Datasheet HTML 2Page - Integrated Device Technology XUP718 Datasheet HTML 3Page - Integrated Device Technology XUP718 Datasheet HTML 4Page - Integrated Device Technology XUP718 Datasheet HTML 5Page - Integrated Device Technology XUP718 Datasheet HTML 6Page - Integrated Device Technology XUP718 Datasheet HTML 7Page - Integrated Device Technology XUP718 Datasheet HTML 8Page - Integrated Device Technology XUP718 Datasheet HTML 9Page - Integrated Device Technology XUP718 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IDT XO LVPECL CRYSTAL OSCILLATOR
6
JUNE 20, 2017
XUQ DATASHEET
Output Waveform
Typical Phase Noise
Oscillator Symmetry
Rise Time/Fall Time Measurements
OUTPUT 2
OUTPUT 1
OUTPUT 2
OUTPUT 1
50% VPP
VOH
VOL
VOH
VOL
½ Period
Period
TR
TF
20% to 80% VPP


Similar Part No. - XUP718

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUP720125I IDT-XUP720125I Datasheet
458Kb / 21P
   XU Family of Low Phase Noise Quartz-based PLL Oscillators
XUP720125K IDT-XUP720125K Datasheet
458Kb / 21P
   XU Family of Low Phase Noise Quartz-based PLL Oscillators
XUP720125X IDT-XUP720125X Datasheet
458Kb / 21P
   XU Family of Low Phase Noise Quartz-based PLL Oscillators
XUP725125I IDT-XUP725125I Datasheet
458Kb / 21P
   XU Family of Low Phase Noise Quartz-based PLL Oscillators
XUP725125K IDT-XUP725125K Datasheet
458Kb / 21P
   XU Family of Low Phase Noise Quartz-based PLL Oscillators
More results

Similar Description - XUP718

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XUP IDT-XUP_17 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
   IDT XO HCMOS Crystal Oscillator
XLH IDT-XLH_17 Datasheet
341Kb / 13P
   IDT XO HCMOS Crystal Oscillator
XUN IDT-XUN_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
   LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com