Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T110B105K015AS0100 Datasheet(PDF) 7 Page - Kemet Corporation

Part # T110B105K015AS0100
Description  T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110B105K015AS0100 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T110B105K015AS0100 Datasheet HTML 3Page - Kemet Corporation T110B105K015AS0100 Datasheet HTML 4Page - Kemet Corporation T110B105K015AS0100 Datasheet HTML 5Page - Kemet Corporation T110B105K015AS0100 Datasheet HTML 6Page - Kemet Corporation T110B105K015AS0100 Datasheet HTML 7Page - Kemet Corporation T110B105K015AS0100 Datasheet HTML 8Page - Kemet Corporation T110B105K015AS0100 Datasheet HTML 9Page - Kemet Corporation T110B105K015AS0100 Datasheet HTML 10Page - Kemet Corporation T110B105K015AS0100 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2031_T110_AXIAL_T212 • 9/20/2016
77
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 hours)
MIL–PRF–39003/1K
MIL–PRF–39003/1K
Exponential
Graded
VDC
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
15
120.0
D
T110D127K015A(3)
6.0
6
2276
2516
2756
2996
4061
6061
7061
8061
T212D127K015(2)S
15
120.0
D
T110D127M015A(3)
6.0
6
15
150.0
D
T110D157J015A(3)
8.0
6
5026
5226
5426
5626
4062
6062
7062
8062
T212D157J015(2)S
15
150.0
D
T110D157K015A(3)
8.0
6
2277
2517
2757
2997
4063
6063
7063
8063
T212D157K015(2)S
15
150.0
D
T110D157M015A(3)
8.0
6
2278
2518
2758
2998
4064
6064
7064
8064
T212D157M015(2)S
20
0.047
A
T110A473(1)020A(3)
0.3
3
20
0.056
A
T110A563(1)020A(3)
0.3
3
20
0.068
A
T110A683(1)020A(3)
0.3
3
20
0.082
A
T110A823(1)020A(3)
0.3
3
20
0.10
A
T110A104(1)020A(3)
0.3
3
20
0.12
A
T110A124(1)020A(3)
0.3
3
20
0.15
A
T110A154(1)020A(3)
0.3
3
20
0.18
A
T110A184(1)020A(3)
0.3
3
20
0.22
A
T110A224(1)020A(3)
0.3
3
20
0.27
A
T110A274(1)020A(3)
0.3
3
20
0.33
A
T110A334(1)020A(3)
0.3
3
20
0.39
A
T110A394(1)020A(3)
0.3
3
20
0.47
A
T110A474(1)020A(3)
0.3
3
20
0.56
A
T110A564(1)020A(3)
0.3
3
20
0.68
A
T110A684(1)020A(3)
0.3
3
20
0.82
A
T110A824(1)020A(3)
0.3
3
20
1.0
A
T110A105(1)020A(3)
0.3
3
20
1.2
A
T110A125J020A(3)
0.3
4
5027
5227
5427
5627
4065
6065
7065
8065
T212A125J020(2)S
20
1.2
A
T110A125K020A(3)
0.3
4
2279
2519
2759
2999
4066
6066
7066
8066
T212A125K020(2)S
20
1.2
A
T110A125M020A(3)
0.3
4
20
1.5
A
T110A155J020A(3)
0.3
4
5028
5228
5428
5628
4067
6067
7067
8067
T212A155J020(2)S
20
1.5
A
T110A155K020A(3)
0.3
4
2280
2520
2760
3000
4068
6068
7068
8068
T212A155K020(2)S
20
1.5
A
T110A155M020A(3)
0.3
4
2281
2521
2761
3001
4069
6069
7069
8069
T212A155M020(2)S
20
1.8
A
T110A185J020A(3)
0.3
4
5029
5229
5429
5629
4070
6070
7070
8070
T212A185J020(2)S
20
1.8
A
T110A185K020A(3)
0.3
4
2282
2522
2762
3002
4071
6071
7071
8071
T212A185K020(2)S
20
1.8
A
T110A185M020A(3)
0.3
4
20
2.2
A
T110A225J020A(3)
0.4
4
5010
5230
5430
5630
4072
6072
7072
8072
T212A225J020(2)S
20
2.2
A
T110A225K020A(3)
0.4
4
2283
2523
2763
3003
4073
6073
7073
8073
T212A225K020(2)S
20
2.2
A
T110A225M020A(3)
0.4
4
2284
2524
2764
3004
4074
6074
7074
8074 T212A225M020(2)S
20
2.7
B
T110B275(1)020A(3)
0.5
4
20
3.3
B
T110B335(1)020A(3)
1.0
4
20
3.9
B
T110B395(1)020A(3)
1.0
4
20
4.7
B
T110B475(1)020A(3)
1.0
4
20
5.6
B
T110B565(1)020A(3)
1.0
4
20
6.8
B
T110B685(1)020A(3)
1.0
4
20
8.2
B
T110B825J020A(3)
1.0
6
5031
5231
5431
5631
4075
6075
7075
8075
T212B825J020(2)S
20
8.2
B
T110B825K020A(3)
1.0
6
2285
2525
2765
3005
4076
6076
7076
8076
T212B825K020(2)S
20
8.2
B
T110B825M020A(3)
1.0
6
20
10.0
B
T110B106J020A(3)
1.0
6
5032
5232
5432
5632
4077
6077
7077
8077
T212B106J020(2)S
20
10.0
B
T110B106K020A(3)
1.0
6
2286
2526
2766
3006
4078
6078
7078
8078
T212B106K020(2)S
VDC
µF
Case
Size
Code
(see below for
part options)
µA at 25°C
Max/5 Minimum
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF % at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET Part Number (T212), insert Graded failure rate – A for Not Applicable, B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k
hours, or G for 1%/k hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours.
Designates Reliability Level.
(3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish.
Refer to Ordering Information for additional detail.


Similar Part No. - T110B105K015AS0100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110B105K050ASC KEMET-T110B105K050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110B105K050BSC KEMET-T110B105K050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110B105K050CSC KEMET-T110B105K050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110B105K050DSC KEMET-T110B105K050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110B105K050MSC KEMET-T110B105K050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T110B105K015AS0100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
logo
Vishay Siliconix
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
Glenair, Inc.
181-043-15 GLENAIR-181-043-15 Datasheet
215Kb / 1P
   MIL-PRF-29504/18 Type Terminus
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com