Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVD50 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AVD50
Description  Fixed switching frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVD50 Datasheet(HTML) 2 Page - Artesyn Technologies

  AVD50 Datasheet HTML 1Page - Artesyn Technologies AVD50 Datasheet HTML 2Page - Artesyn Technologies AVD50 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AVD50 Series Data Sheet
Mechanical Drawings
6-Ø1.0±0.1
6-Ø1.8±0.1
LOAD BOARD
SIDE VIEW
2-Ø1.5±0.1
2-Ø2.3±0.1
7
6
5
4
3
2
1
8
BOTTOM VIEW
33[1.299]
28.00[1.102]
AVD50
6-Ø1.5±0.1
LOAD BOARD
SIDE VIEW
2-Ø2.0±0.1
7
6
5
4
3
2
1
8
BOTTOM VIEW
33[1.299]
28.00[1.102]
TL (Surface Mount)
Notes:
1.
All specifications are subject to change without notice.
Mechanical drawings are for reference only.
2.
Label and logo appearance may vary from what is shown on
mechanical drawings.
6-Ø1.0±0.1
6-Ø1.8±0.1
LOAD BOARD
SIDE VIEW
2-Ø1.5±0.1
2-Ø2.3±0.1
7
6
5
4
3
2
1
8
BOTTOM VIEW
33[1.299]
28.00[1.102]
AVD50B
6-Ø1.5±0.1
LOAD BOARD
SIDE VIEW
2-Ø2.0±0.1
UNIT: mm[inch]
BOTTOM VIEW: pin on upside
TOLERANCE: X.Xmm±0.5mm[X.XX in.±0.02in.]
X.XXmm±0.25mm[X.XXX in.±0.01in.]
7
6
5
4
3
2
1
8
BOTTOM VIEW
33[1.299]
28.00[1.102]
TL (Surface Mount)


Similar Part No. - AVD50

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AVD50 ADVANCEDENERGY-AVD50 Datasheet
334Kb / 4P
   50 Watts
logo
Artesyn Technologies
AVD50-48S05-6L ARTESYN-AVD50-48S05-6L Datasheet
630Kb / 3P
   Total Power: 50 Watts
AVD50-48S05P-6L ARTESYN-AVD50-48S05P-6L Datasheet
630Kb / 3P
   Total Power: 50 Watts
AVD50-48S05SL ARTESYN-AVD50-48S05SL Datasheet
630Kb / 3P
   Total Power: 50 Watts
AVD50B-48S3V3-6L ARTESYN-AVD50B-48S3V3-6L Datasheet
630Kb / 3P
   Total Power: 50 Watts
More results

Similar Description - AVD50

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
   Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
   Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
   Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
   Fixed Switching Frequency
logo
Artesyn Technologies
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
   Fixed switching frequency
AVO120 ARTESYN-AVO120 Datasheet
498Kb / 3P
   Fixed switching frequency
logo
Volgen Kaga Electronics...
MT5A-1233SI VOLGEN-MT5A-1233SI Datasheet
211Kb / 2P
   FIXED SWITCHING FREQUENCY
logo
Unisonic Technologies
P1690G-S08-R UTC-P1690G-S08-R Datasheet
172Kb / 5P
   Fixed 150KHz Switching Frequency
logo
Lowpower Semiconductor ...
LP6217 POWER-LP6217 Datasheet
344Kb / 6P
   1MHz fixed frequency switching
logo
Maxim Integrated Produc...
MAX8506EVKIT MAXIM-MAX8506EVKIT Datasheet
104Kb / 5P
   1MHz Fixed-Frequency PWM Switching
Rev 0; 2/04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com