Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616HSA-I Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1LV1616HSA-I
Description  16 M SRAM (1-Mword x 16-bit / 2-Mword x 8-bit)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616HSA-I Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1LV1616HSA-I Datasheet HTML 4Page - Renesas Technology Corp R1LV1616HSA-I Datasheet HTML 5Page - Renesas Technology Corp R1LV1616HSA-I Datasheet HTML 6Page - Renesas Technology Corp R1LV1616HSA-I Datasheet HTML 7Page - Renesas Technology Corp R1LV1616HSA-I Datasheet HTML 8Page - Renesas Technology Corp R1LV1616HSA-I Datasheet HTML 9Page - Renesas Technology Corp R1LV1616HSA-I Datasheet HTML 10Page - Renesas Technology Corp R1LV1616HSA-I Datasheet HTML 11Page - Renesas Technology Corp R1LV1616HSA-I Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
R1LV1616HSA-I Series
Rev.1.02, Feb.23.2017, page 8 of 19
DC Characteristics
Parameter
Symbol
Min
Typ
Max
Unit Test conditions*2
Input leakage current
|ILI|


1
A Vin = VSS to VCC
Output leakage current
|ILO|


1
A CS1# = VIH or CS2 = VIL or
OE# = VIH or WE# = VIL or
LB# = UB# = VIH, VI/O = VSS to VCC
Operating current
ICC


20
mA CS1# = VIL, CS2 = VIH,
Others = VIH/ VIL, II/O = 0 mA
Average operating current
ICC1
(READ)

22*1
35
mA Min. cycle, duty = 100%,
II/O = 0 mA, CS1# = VIL, CS2 = VIH,
WE# = VIH, Others = VIH/VIL
ICC1

30*1
50
mA Min. cycle, duty = 100%,
II/O = 0 mA, CS1# = VIL, CS2 = VIH,
Others = VIH/VIL
ICC2*3
(READ)

3*1
8
mA Cycle time = 70 ns, duty = 100%,
II/O = 0 mA, CS1# = VIL, CS2 = VIH,
WE# = VIH, Others = VIH/VIL
Address increment scan or
decrement scan
ICC2*3

20*1
30
mA Cycle time = 70 ns, duty = 100%,
II/O = 0 mA, CS1# = VIL, CS2 = VIH,
Others = VIH/VIL
Address increment scan or
decrement scan
ICC3

3*1
8
mA Cycle time = 1
s, duty = 100%,
II/O = 0 mA, CS1#
 0.2 V,
CS2
 VCC  0.2 V
VIH
 VCC  0.2 V, VIL  0.2 V
Standby current
ISB

0.1*1
0.5
mA CS2 = VIL
Standby current
ISB1

0.5*1
8
A 0 V  Vin
(1) 0 V
 CS2  0.2 V or
(2) CS1#
 VCC  0.2 V,
CS2
 VCC  0.2 V or
(3) LB# = UB#
 VCC  0.2 V,
CS2
 VCC  0.2 V,
CS1#
 0.2 V
Average value
Output high voltage
VOH
2.4


V
IOH =
1 mA
VOH
VCC

0.2


V
IOH =
100 A
Output low voltage
VOL


0.4
V
IOL = 2 mA
VOL


0.2
V
IOL = 100
A


Similar Part No. - R1LV1616HSA-I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616HSA-4LI RENESAS-R1LV1616HSA-4LI Datasheet
158Kb / 21P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
R1LV1616HSA-4SI RENESAS-R1LV1616HSA-4SI Datasheet
158Kb / 21P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
R1LV1616HSA-5SI RENESAS-R1LV1616HSA-5SI Datasheet
158Kb / 21P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
More results

Similar Description - R1LV1616HSA-I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616HBG-I RENESAS-R1LV1616HBG-I_17 Datasheet
432Kb / 15P
   16 M SRAM (1-Mword x 16-bit)
R1LV1616H-I RENESAS-R1LV1616H-I_15 Datasheet
179Kb / 23P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
R1LV1616H-I RENESAS-R1LV1616H-I Datasheet
158Kb / 21P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
logo
Elpida Memory
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
logo
Renesas Technology Corp
HM62A16100I RENESAS-HM62A16100I Datasheet
140Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HBGI RENESAS-R1LV1616HBGI_15 Datasheet
143Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
logo
Hitachi Semiconductor
HM62W4100HC HITACHI-HM62W4100HC Datasheet
65Kb / 14P
   4M High Speed SRAM (1-Mword x 4-bit)
logo
Renesas Technology Corp
HM62A16100I RENESAS-HM62A16100I_15 Datasheet
243Kb / 19P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com