Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1292 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1292
Description  Integrated Circuit IF Amplifier and Detector
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1292 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (VCC = 12V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
ICC
R5 = ∞
10
14
18
mA
R5 = 0
11
20
mA
IF Voltage Gain
GV
f = 5.5MHz
68
dB
IF Output Voltage (Each Output)
VO
At Limiting
170
250
mVP–P
AF Output Voltage
VAF
f = 5.5MHz,
∆f = ±50kHz,fMOD = 1kHz,
VI = 10mV, Q = 45
0.7
1.0
V
Distortion
f = 5.5MHz,
∆f = 25khz, fMOD = 1kHz,
VI = 10mV, Q = 45
1.5
%
f = 10.7MHz,
∆f = ±50kHz,fMOD = 1kHz,
VI = 10mV, Q = 20
0.2
%
Input Voltage Before Limiting
VLIM
f = 5.5MHz,
∆f = ±50kHz,fMOD = 1kHz,
Q = 45
30
60
µV
Input Impedance
ZI
f = 5.5MHz
15/6
40/4.5
k
Ω/pF
Output Resistance
RO
1.9
2.6
3.3
k
Volume Control Range
Vaf Max
Vaf Min
70
85
dB
DC Component of the Output
Signal
V8
VI = 0
6.2
7.3
8.4
V
AM Rejection
aAM
f = 5.5MHZ, ∆f = ±50kHZ, fMOD = 1kHZ,
VI = 500µV, MOD = 30%
50
60
dB
f = 5.5MHZ, ∆f = ±50HZ, fMOD = 1kHZ,
VI = 10mV, MOD = 30%
68
dB
Potentiometer Resistance
R5
1dB Attenuation
3.7
4.7
k
Potentiometer Voltage
V5
1dB Attenuation
2.2
2.5
V
Potentiometer Resistance
R5
70dB Attenuation
1.0
1.4
k
Potentiometer Voltage
V5
70dB Attenuation
1.2
V
Noise Voltage at Output
V5
VI = 10mV
30
µV
Zener Voltage
V12
I12 = 5mA
11.2
12.0
13.4
V
Zener Slope Resistance
RZ
30
50
Breakdown Voltage
V(BR)CBO
45
65
V
V(BR)CEO I3 = 500µA
18
24
V
Current Gain
hFE
I3 = 1mA
50
100
500


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn