Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2K Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # S2K
Description  Surface Mount Standard Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

S2K Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  S2K Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. S2K Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. S2K Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S2A~S2M
Surface Mount Standard Rectifiers
Features
Low profile space
Ideal for automated placement
Glass passivated chip junctions
Low forward voltage drop
Low leakage current
High forward surge capability
High temperature soldering
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
Case: JEDEC DO-214AC molded plastic
body over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
1.1 V
2.0 A
VRRM
50 V to 1000 V
IFSM
50 A
IR
5 μA
IF(AV)
VF
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Items
5
50
μA
TA=25℃
TA=125℃
IR
--
Symbol
Min
Type
Max
UNIT
VF
-
0.98
1.10
V
A
Thermal resistance from junction to lead
(1)
RθJL
35
/ W
Operating junction and storage temperature
range
TJ, TSTG
–55 to +150
800
1000
V
Maximum average forward rectified current
IF(AV)
2A
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
S2K
S2M
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Tj max.
150 °C
Test conditions
Instantaneous forward voltage
IF=2A
(2)
Reverse current
VR=VDC
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
50
pF
Typical junction capacitance
4.0 V ,1MHz
CJ
-
30.0
-
1/2
http://www.trr-jx.com
Items
Symbol
S2A
S2B
S2D
S2G
S2J


Similar Part No. - S2K

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
S2K JINANJINGHENG-S2K Datasheet
83Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Pan Jit International I...
S2K PANJIT-S2K Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
GUANGDONG HOTTECH INDUS...
S2K HOTTECH-S2K Datasheet
304Kb / 2P
   Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
S2K KISEMICONDUCTOR-S2K Datasheet
5Mb / 2P
   Surface Mount Glass Passivated Rectifier
logo
Micro Commercial Compon...
S2K MCC-S2K Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S2K

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
   Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
MASR1A JUXING-MASR1A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
MASR0.5A JUXING-MASR0.5A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
S2A JUXING-S2A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
S1A_DO-214AC JUXING-S1A_DO-214AC Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
S1A_DO-214AA JUXING-S1A_DO-214AA Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
DSR0.7A JUXING-DSR0.7A Datasheet
2Mb / 3P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
S05M CHENDA-S05M Datasheet
420Kb / 2P
   Surface Mount Standard Rectifiers
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
   Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
   Surface Mount Standard Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com