Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW2N40D Datasheet(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2N40D
Description  N-channel Enhanced mode TO-92/SOT-223 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2N40D Datasheet(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2N40D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2N40D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2N40D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2N40D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2N40D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW2N40D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
SW2N40D
Jun. 2016. Rev. 3.0
3/6
Fig. 1. On-state characteristics
Fig. 2. On-resistance variation vs.
drain current and gate voltage
Fig. 3. Gate charge characteristics
Fig. 4. On state current vs. diode
forward voltage
Fig 5. Breakdown Voltage Variation
vs. Junction Temperature
Fig. 6. On resistance variation
vs. junction temperature


Similar Part No. - SW2N40D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N40DC SEMIPOWER-SW2N40DC Datasheet
613Kb / 6P
   N-channel Enhanced mode TO-251S/TO-252 MOSFET
More results

Similar Description - SW2N40D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW4N40D SEMIPOWER-SW4N40D Datasheet
671Kb / 6P
   N-channel Enhanced mode SOT-223 MOSFET
SW1N60DC SEMIPOWER-SW1N60DC Datasheet
926Kb / 6P
   N-channel Enhanced mode TO-252/SOT-223 MOSFET
SW3406 SEMIPOWER-SW3406 Datasheet
836Kb / 6P
   N-channel Enhanced mode SOT-23 MOSFET
SW3416J SEMIPOWER-SW3416J Datasheet
834Kb / 6P
   N-channel Enhanced mode SOT-23 MOSFET
SWVS22 SEMIPOWER-SWVS22 Datasheet
823Kb / 6P
   N-channel Enhanced mode SOT-23 MOSFET
SW2N7002 SEMIPOWER-SW2N7002 Datasheet
621Kb / 5P
   N-channel Enhanced mode SOT-23 MOSFET
logo
STMicroelectronics
STD1NK60 STMICROELECTRONICS-STD1NK60_08 Datasheet
429Kb / 15P
   N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
logo
Microsemi Corporation
STD1LNK60Z-1 MICROSEMI-STD1LNK60Z-1_06 Datasheet
732Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
September 2005 Rev. 6
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com