Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C154MZRACAUTO Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1206C154MZRACAUTO
Description  High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C154MZRACAUTO Datasheet(HTML) 4 Page - Kemet Corporation

  C1206C154MZRACAUTO Datasheet HTML 1Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 2Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 3Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 4Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 5Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 6Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 7Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 8Page - Kemet Corporation C1206C154MZRACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1076_X7R_HV_AUTO_SMD • 11/21/2016
4
Surface Mount Multilayer Ceramic Chip Capacitors, (SMD MLCCs)
High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA Size
Code
Metric Size
Code
L
Length
W
Width
T Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0603
1608
1.60 (0.063)
±0.15 (0.006)
0.80 (0.032)
±0.15 (0.006)
See Table 2 for
Thickness
0.35 (0.014)
±0.15 (0.006)
0.70 (0.028)
Solder Wave or
Solder Reflow
0805
2012
2.00 (0.079)
±0.20 (0.008)
1.25 (0.049)
±0.20 (0.008)
0.50 (0.02)
±0.25 (0.010)
0.75 (0.030)
1206
3216
3.20 (0.126)
±0.20 (0.008)
1.60 (0.063)
±0.20 (0.008)
0.50 (0.02)
±0.25 (0.010)
N/A
1210
3225
3.20 (0.126)
±0.20 (0.008)
2.50 (0.098)
±0.20 (0.008)
0.50 (0.02)
±0.25 (0.010)
Solder Reflow
Only
1808
4520
4.70 (0.185)
±0.50 (0.020)
2.00 (0.079)
±0.20 (0.008)
0.60 (0.024)
±0.35 (0.014)
1812
4532
4.50 (0.177)
±0.30 (0.012)
3.20 (0.126)
±0.30 (0.012)
0.60 (0.024)
±0.35 (0.014)
1825
4564
4.50 (0.177)
±0.30 (0.012)
6.40 (0.252)
±0.40 (0.016)
0.60 (0.024)
±0.35 (0.014)
2220
5650
5.70 (0.224)
±0.40 (0.016)
5.00 (0.197)
±0.40 (0.016)
0.60 (0.024)
±0.35 (0.014)
2225
5664
5.60 (0.220)
±0.40 (0.016)
6.40 (0.248)
±0.40 (0.016)
0.60 (0.024)
±0.35 (0.014)
Qualification/Certification
Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details
regarding test methods and conditions are referenced in document AEC–Q200, Stress Test Qualification for Passive
Components. For additional information regarding the Automotive Electronics Council and AEC–Q200, please visit their
website at www.aecouncil.com.
Environmental Compliance
Lead (Pb)-free, RoHS, and REACH compliant without exemptions.


Similar Part No. - C1206C154MZRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C154MZRACAUTO KEMET-C1206C154MZRACAUTO Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
More results

Similar Description - C1206C154MZRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com