Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1825C154MGRACAUTO Datasheet(PDF) 8 Page - Kemet Corporation

Part # C1825C154MGRACAUTO
Description  High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1825C154MGRACAUTO Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C1825C154MGRACAUTO Datasheet HTML 4Page - Kemet Corporation C1825C154MGRACAUTO Datasheet HTML 5Page - Kemet Corporation C1825C154MGRACAUTO Datasheet HTML 6Page - Kemet Corporation C1825C154MGRACAUTO Datasheet HTML 7Page - Kemet Corporation C1825C154MGRACAUTO Datasheet HTML 8Page - Kemet Corporation C1825C154MGRACAUTO Datasheet HTML 9Page - Kemet Corporation C1825C154MGRACAUTO Datasheet HTML 10Page - Kemet Corporation C1825C154MGRACAUTO Datasheet HTML 11Page - Kemet Corporation C1825C154MGRACAUTO Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1076_X7R_HV_AUTO_SMD • 11/21/2016
8
Surface Mount Multilayer Ceramic Chip Capacitors, (SMD MLCCs)
High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
Table 1B – Capacitance Range/Selection Waterfall (1825 – 2225 Case Sizes) cont'd
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
Capacitance
Cap
Code
Case Size/
Series
C1825C
C2220C
C2225C
Voltage Code
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
1,000 pF
102
J
K
M
HG HG HG HG HG HG HG
JE
JK
JK
JK
JK
JK
JK
KE
KE
KE
KF
KE
KF
KF
1,200 pF
122
J
K
M
HG HG HG HG HG HG HG
JE
JK
JK
JK
JK
JK
JK
KE
KE
KE
KF
KF
KF
KF
1,500 pF
152
J
K
M
HG HG HG HG HG HG HG
JE
JK
JK
JK
JK
JK
JK
KE
KE
KE
KF
KF
KF
KF
1,800 pF
182
J
K
M
HE
HE
HE
HE
HE
HG HG
JE
JK
JK
JK
JK
JK
JK
KE
KE
KE
KF
KF
KF
KF
2,200 pF
222
J
K
M
HE
HE
HE
HE
HE
HG HG
JE
JK
JK
JE
JE
JK
JK
KF
KE
KE
KF
KF
KF
KF
2,700 pF
272
J
K
M
HE
HE
HE
HE
HE
HG
JK
JK
JK
JE
JE
JK
JK
KE
KE
KE
KE
KE
KF
KE
3,300 pF
332
J
K
M
HE
HE
HE
HE
HE
HG
JK
JK
JK
JE
JE
JK
JE
KE
KE
KE
KE
KE
KF
KE
3,900 pF
392
J
K
M
HE
HE
HE
HE
HE
HG
JK
JK
JK
JE
JE
JK
JE
KE
KF
KF
KE
KE
KF
KE
4,700 pF
472
J
K
M
HE
HE
HE
HE
HE
HG
JK
JK
JK
JE
JK
JE
JE
KE
KF
KF
KE
KE
KF
KE
5,600 pF
562
J
K
M
HE
HE
HE
HE
HE
HG
JK
JK
JK
JE
JK
JE
JE
KE
KF
KF
KE
KE
KF
KE
6,800 pF
682
J
K
M
HE
HE
HE
HE
HE
HJ
JK
JE
JE
JE
JK
JE
JE
KE
KF
KF
KE
KF
KE
KE
8,200 pF
822
J
K
M
HE
HE
HE
HE
HE
HJ
JK
JE
JE
JE
JK
JK
JK
KF
KE
KE
KE
KF
KF
KF
10,000 pF
103
J
K
M
HE
HE
HE
HE
HJ
HK
JE
JE
JE
JE
JL
JL
JL
KF
KE
KE
KE
KF
KH KH
12,000 pF
123
J
K
M
HE
HE
HE
HG
HJ
JE
JK
JK
JK
JL
JL
JL
KE
KE
KE
KE
KF
KH KH
15,000 pF
153
J
K
M
HE
HE
HE
HG HK
JE
JK
JK
JK
JL
JN
JN
KE
KE
KE
KE
KF
KJ
KJ
18,000 pF
183
J
K
M
HE
HE
HE
HG
JE
JK
JK
JK
JN
KE
KE
KE
KE
KH
22,000 pF
223
J
K
M
HE
HG HG HG
JE
JK
JK
JK
JN
KE
KF
KF
KF
KJ
27,000 pF
273
J
K
M
HE
HG HG HG
JE
JK
JK
JK
KE
KF
KF
KF
KJ
33,000 pF
333
J
K
M
HE
HG HG
HE
JE
JK
JK
JK
KE
KF
KF
KF
39,000 pF
393
J
K
M
HE
HG HG HG
JE
JK
JK
JE
KE
KF
KF
KF
47,000 pF
473
J
K
M
HE
HG HG
HJ
JE
JK
JK
JK
KE
KF
KF
KF
56,000 pF
563
J
K
M
HE
HG HG
HJ
JE
JE
JE
JL
KE
KF
KF
KF
62,000 pF
623
J
K
M
HG HG HG HK
JE
JE
JE
JL
KE
KF
KF
KH
68,000 pF
683
J
K
M
HG
HJ
HJ
HK
JE
JK
JK
JL
KE
KF
KF
KJ
82,000 pF
823
J
K
M
HG
HJ
HJ
JE
JL
JL
JN
KE
KF
KF
KJ
0.10 µF
104
J
K
M
HG HK
HK
JE
JN
JN
KE
KH KH
KJ
0.12 µF
124
J
K
M
HG
HE
JE
JN
JN
KE
KH KH
0.15 µF
154
J
K
M
HG
HE
JK
JE
KF
KJ
KJ
0.18 µF
184
J
K
M
HG HG
JK
JE
KF
KE
0.22 µF
224
J
K
M
HG
HJ
JK
JK
KF
KF
0.27 µF
274
J
K
M
HJ
HJ
JK
JL
KF
KH
0.33 µF
334
J
K
M
HJ
JL
JN
KF
KH
0.39 µF
394
J
K
M
HK
JN
KH
KJ
0.47 µF
474
J
K
M
JN
KH
KJ
0.56 µF
564
J
K
M
KJ
Capacitance
Cap Code
Rated Voltage (VDC)
Voltage Code
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
C
B
D
F
G
Z
H
Case Size/ Series
C1825C
C2220C
C2225C


Similar Part No. - C1825C154MGRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1825C154MGRACAUTO KEMET-C1825C154MGRACAUTO Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
More results

Similar Description - C1825C154MGRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com