Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM-BF-10 Datasheet(PDF) 2 Page - Mini-Circuits

Part # NM-BF-10
Description  50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NM-BF-10 Datasheet(HTML) 2 Page - Mini-Circuits

  NM-BF-10 Datasheet HTML 1Page - Mini-Circuits NM-BF-10 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
Outline Drawing
Outline Dimensions (
)
inch
mm
Case No.
A
B
D
wt. grams
DJ865
.812
.88
2.25
63.8
20.62
22.35
57.15
DJ866
.812
.88
2.03
57.0
20.62
22.35
51.56
DJ867
.73
2.00
48.2
18.54
50.80
DJ868
.73
1.79
40.2
18.54
45.47
DJ869
.312
.61
1.89
25.8
7.92
15.49
48.01
DJ870
.61
1.69
24.0
15.49
42.93
DJ871
.312
.55
1.68
18.8
7.92
13.97
42.67
DJ872
.55
1.47
16.2
13.97
37.34
Page 2 of 2
Adaptenuators
Type-SMA/BNC
Type-N/BNC


Similar Part No. - NM-BF-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NM-A221 ETC-NM-A221 Datasheet
233Kb / 1P
   XXXX
2013/09/07
logo
Mini-Circuits
NM-NM50 MINI-NM-NM50 Datasheet
181Kb / 2P
   Adapter N-Male to N-Male
NM-NM50++ MINI-NM-NM50+ Datasheet
181Kb / 2P
   Adapter N-Male to N-Male
NM-NM50-18 MINI-NM-NM50-18 Datasheet
183Kb / 2P
   Adapter N-Male to N-Male
NM-NM50-18++ MINI-NM-NM50-18+ Datasheet
183Kb / 2P
   Adapter N-Male to N-Male
More results

Similar Description - NM-BF-10

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BTRM-50 MINI-BTRM-50 Datasheet
110Kb / 1P
   Termination BNC 50ohm DC to 2000 MHz
MAV-11A MINI-MAV-11A Datasheet
73Kb / 1P
   MAV-11A Monolithic Amplifier 50OHM 50 to 2000 MHz
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
logo
Mini-Circuits
VAT-5 MINI-VAT-5 Datasheet
75Kb / 1P
   SMA Fixed Attenuator (50ohm 1W 5dB DC to 6000 MHz)
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
   50OHM DC to 2 GHz
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
   50OHM, DC to 18 GHz
logo
Tyco Electronics
CH20-0058-S MACOM-CH20-0058-S Datasheet
18Kb / 1P
   11 dB Directional Coupler 1500 - 2000 MHz
logo
Mini-Circuits
PDC-10-1 MINI-PDC-10-1 Datasheet
46Kb / 1P
   6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
logo
Micronetics, Inc.
NMA2412-A1S MICRONETICS-NMA2412-A1S Datasheet
347Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
   Legacy 10 MHz to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com