Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM-BM-10 Datasheet(PDF) 1 Page - Mini-Circuits

Part # NM-BM-10
Description  50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NM-BM-10 Datasheet(HTML) 1 Page - Mini-Circuits

  NM-BM-10 Datasheet HTML 1Page - Mini-Circuits NM-BM-10 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
Adaptenuators
Features
• improved interface matching
• wideband, DC-2000 MHz, useable to 4 GHz
• excellent VSWR, 1.1:1 typ.
• excellent flatness, ±0.1 dB typ.
• rugged unibody construction
REV. A
M83075
N/BNC
EE-9890
SMA/BNC EE-9890
ADPTENUATOR
URJ/TD/CP
020906
Page 1 of 2
50
Ω, 3,6,10 dB, DC to 2000 MHz
Applications
• instrumentation
• provides attenuation and connector type change
• minimizes hardware
MODEL
NO.
FREQ.
(MHz)
VSWR
(:1)
f
L-fU
PRICE
$
Qty.
(1-24)
CASE
STYLE
Electrical Specifications
CONNECTOR
TYPE
* Flatness defined as peak to peak attenuation over band divided by 2
conn1
conn 2
ATTENUATION
(dB)
Nom.
Flatness*
L
Typ. Max.
Type-SMA/BNC
Type-N/BNC
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Input Power
0.5W Max.
M
Typ. Max.
U
Typ. Max.
L
Typ. Max.
M
Typ. Max.
U
Typ. Max.
SM-BM-3
SMA-Male
BNC-Male
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ869
19.95
SM-BM-6
SMA-Male
BNC-Male
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ869
19.95
SM-BM-10
SMA-Male
BNC-Male
DC-2000
10±0.3
0.05 0.10
0.10 0.15
0.10 0.20
1.1
1.2
1.1
1.3
1.2 1.25
DJ869
19.95
SF-BM-3
SMA-Female
BNC-Male
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ870
19.95
SF-BM-6
SMA-Female
BNC-Male
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ870
19.95
SF-BM-10
SMA-Female
BNC-Male
DC-2000
10±0.3
0.05 0.15
0.10 0.15
0.10 0.20
1.1
1.2
1.1
1.3
1.2 1.25
DJ870
19.95
SM-BF-3
SMA-Male
BNC-Fem
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ871
19.95
SM-BF-6
SMA-Male
BNC-Fem
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ871
19.95
SM-BF-10
SMA-Male
BNC-Fem
DC-2000
10±0.3
0.05 0.15
0.10 0.15
0.10 0.20
1.1
1.2
1.1
1.3
1.2 1.25
DJ871
19.95
SF-BF-3
SMA-Female
BNC-Fem
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ872
19.95
SF-BF-6
SMA-Female
BNC-Fem
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ872
19.95
SF-BF-10
SMA-Female
BNC-Fem
DC-2000
10±0.3
0.05 0.10
0.10 0.15
0.10 0.20
1.1
1.2
1.1
1.3
1.2 1.25
DJ872
19.95
NM-BM-3
N-Male
BNC-Male
DC-2000
3±0.3
0.10 0.20
0.20 0.25
0.20 0.30
1.1
1.2
1.1
1.2
1.2 1.30
DJ865
19.95
NM-BM-6
N-Male
BNC-Male
DC-2000
6±0.3
0.05 0.15
0.15 0.25
0.20 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ865
19.95
NM-BM-10
N-Male
BNC-Male
DC-2000
10±0.3
0.05 0.15
0.15 0.25
0.20 0.25
1.1
1.2
1.1
1.3
1.2 1.25
DJ865
19.95
NF-BM-3
N-Female
BNC-Male
DC-2000
3±0.3
0.05 0.15
0.10 0.25
0.17 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ867
19.95
NF-BM-6
N-Female
BNC-Male
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ867
19.95
NF-BM-10
N-Female
BNC-Male
DC-2000
10±0.3
0.05 0.15
0.10 0.25
0.15 0.30
1.1
1.2
1.1
1.3
1.2 1.25
DJ867
19.95
NM-BF-3
N-Male
BNC-Fem
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ866
19.95
NM-BF-6
N-Male
BNC-Fem
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ866
19.95
NM-BF-10
N-Male
BNC-Fem
DC-2000
10±0.3
0.05 0.15
0.15 0.25
0.20 0.30
1.1
1.2
1.1
1.2
1.2 1.25
DJ866
19.95
NF-BF-3
N-Female
BNC-Fem
DC-2000
3±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ868
19.95
NF-BF-6
N-Female
BNC-Fem
DC-2000
6±0.3
0.05 0.15
0.10 0.20
0.15 0.25
1.1
1.2
1.1
1.2
1.2 1.25
DJ868
19.95
NF-BF-10
N-Female
BNC-Fem
DC-2000
10±0.3
0.05 0.15
0.10 0.15
0.10 0.20
1.1
1.2
1.1
1.3
1.2 1.25
DJ868
19.95
L= DC-500 MHz M= DC-1000 MHz U= DC- f
U MHz


Similar Part No. - NM-BM-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NM-A221 ETC-NM-A221 Datasheet
233Kb / 1P
   XXXX
2013/09/07
logo
Mini-Circuits
NM-NM50 MINI-NM-NM50 Datasheet
181Kb / 2P
   Adapter N-Male to N-Male
NM-NM50++ MINI-NM-NM50+ Datasheet
181Kb / 2P
   Adapter N-Male to N-Male
NM-NM50-18 MINI-NM-NM50-18 Datasheet
183Kb / 2P
   Adapter N-Male to N-Male
NM-NM50-18++ MINI-NM-NM50-18+ Datasheet
183Kb / 2P
   Adapter N-Male to N-Male
More results

Similar Description - NM-BM-10

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BTRM-50 MINI-BTRM-50 Datasheet
110Kb / 1P
   Termination BNC 50ohm DC to 2000 MHz
MAV-11A MINI-MAV-11A Datasheet
73Kb / 1P
   MAV-11A Monolithic Amplifier 50OHM 50 to 2000 MHz
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
logo
Mini-Circuits
VAT-5 MINI-VAT-5 Datasheet
75Kb / 1P
   SMA Fixed Attenuator (50ohm 1W 5dB DC to 6000 MHz)
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
   50OHM DC to 2 GHz
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
   50OHM, DC to 18 GHz
logo
Tyco Electronics
CH20-0058-S MACOM-CH20-0058-S Datasheet
18Kb / 1P
   11 dB Directional Coupler 1500 - 2000 MHz
logo
Mini-Circuits
PDC-10-1 MINI-PDC-10-1 Datasheet
46Kb / 1P
   6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
logo
Micronetics, Inc.
NMA2412-A1S MICRONETICS-NMA2412-A1S Datasheet
347Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
   Legacy 10 MHz to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com