Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2702A Datasheet(PDF) 36 Page - Teccor Electronics

Part # P2702A
Description  solid state crowbar devices
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2702A Datasheet(HTML) 36 Page - Teccor Electronics

Back Button P2702A Datasheet HTML 32Page - Teccor Electronics P2702A Datasheet HTML 33Page - Teccor Electronics P2702A Datasheet HTML 34Page - Teccor Electronics P2702A Datasheet HTML 35Page - Teccor Electronics P2702A Datasheet HTML 36Page - Teccor Electronics P2702A Datasheet HTML 37Page - Teccor Electronics P2702A Datasheet HTML 38Page - Teccor Electronics P2702A Datasheet HTML 39Page - Teccor Electronics P2702A Datasheet HTML 40Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 212 page
background image
MicroCapacitance (MC) SIDACtor Device
http://www.teccor.com
2 - 18
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
MicroCapacitance (MC) SIDACtor Device
The TO-92 MC SIDACtor series is intended for applications sensitive to load values.
Typically, high speed connections require a lower capacitance. CO values for MC devices
are 40% lower than a standard EC part.
This MC SIDACtor series is used to enable equipment to meet various regulatory
requirements including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and TIA-
968 (formerly known as FCC Part 68) without the need of series resistors.
* For surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
P0640EC MC
58
77
4
5
800
2.2
150
60
P1500EC MC
140
180
4
5
800
2.2
150
50
P2600EC MC
220
300
4
5
800
2.2
150
40
P3100EC MC
275
350
4
5
800
2.2
150
40
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
C
500
400
200
150
100
50
500


Similar Part No. - P2702A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2702AAL LITTELFUSE-P2702AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
P2702AALXX LITTELFUSE-P2702AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P2702ABL LITTELFUSE-P2702ABL Datasheet
154Kb / 3P
   Two-chip SIDACtor
P2702ABLXX LITTELFUSE-P2702ABLXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P2702ACL LITTELFUSE-P2702ACL Datasheet
154Kb / 3P
   Two-chip SIDACtor
More results

Similar Description - P2702A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
logo
ON Semiconductor
MC3423 ONSEMI-MC3423_05 Datasheet
86Kb / 10P
   Overvoltage Crowbar Sensing Circuit
March, 2005 ??Rev. 5
logo
NEC
UPC3423 NEC-UPC3423 Datasheet
666Kb / 6P
   OVERVOLTAGE CROWBAR SENSING CIRCUIT
logo
Littelfuse
P0300EAL LITTELFUSE-P0300EAL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com