Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5019400307 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5019400307
Description  1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5019400307 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5019400307_17 Datasheet HTML 1Page - Molex Electronics Ltd. 5019400307_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/24/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5019400307
Status:
Active
Overview:
Pico-Clasp™ Wire-to-Board Connectors
Description:
1.00mm Pitch Pico-Clasp™ Wire-to-Board Header, Surface Mount, Single Row,
Vertical, Tin Plated, with Outer Positive Lock, with Pick-and-Place Tape, 3 Circuits
Documents:
3D Model
Product Specification PS-501940-001-001 (PDF)
Drawing (PDF)
Packaging Specification SPK-501940-001-001 (PDF)
Product Specification 5019400000-000 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
501940
Application
Signal, Wire-to-Board
Overview
Pico-Clasp™ Wire-to-Board Connectors
Product Name
Pico-Clasp™
UPC
822350287050
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height
7.30mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
104.600/mg
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.00mm
Plating min - Mating
1.016µm
Plating min - Termination
1.016µm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
501940 Series
Mates With
501939 Pico-Clasp™ Wire-to-Board
Housing


Similar Part No. - 5019400307_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5019400307 MOLEX11-5019400307 Datasheet
361Kb / 7P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row, Vertical, 3 Circuits
More results

Similar Description - 5019400307_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5044491007 MOLEX1-5044491007 Datasheet
48Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
5013310607 MOLEX1-5013310607_17 Datasheet
48Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
5013310707 MOLEX1-5013310707_17 Datasheet
59Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
5019400303 MOLEX1-5019400303 Datasheet
30Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
5015680507 MOLEX1-5015680507_17 Datasheet
31Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
5015681507 MOLEX1-5015681507_17 Datasheet
30Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
5019530307 MOLEX1-5019530307_17 Datasheet
31Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
5019530407 MOLEX1-5019530407_17 Datasheet
31Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
5013310307 MOLEX1-5013310307_17 Datasheet
45Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
5013310507 MOLEX1-5013310507_17 Datasheet
45Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
5013311007 MOLEX1-5013311007_17 Datasheet
48Kb / 2P
   1.00mm Pitch Pico-Clasp Wire-to-Board Header, Surface Mount, Single Row
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com