Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0.5K Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # DFR0.5K
Description  Surface Mount Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DFR0.5K Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DFR0.5K Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DFR0.5K Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. DFR0.5K Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage - 50 to 1000 V
Forward Current - 0.5 A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SOD-123FL and symbol
1
2
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Instantaneous Forward Voltage at 0.5A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at Ta = 65
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
Maximum Reverse Recovery Time 1)
Typical Junction Capacitance 2)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
0.5
20
1.3
5
100
150
250
500
15
-55 ~ +150
A
A
V
μA
ns
pF
°C
1
Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
2
Measured at 1MHz and applied reverse voltage of 4V D.C
Maximum Ratings and Electrical characteristics
Units
Cj
T , T
j
stg
trr
Symbols
FEATURES
▪ For surface mounted applications
▪ Low profile package
▪ Glass Passivated Chip Juntion
▪ Ideal for automated placement
▪ Fast reverse recovery time
▪ Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
▪ Case: SOD-123FL
▪ Terminals: Solderable per MIL-STD-750, Method 2026
▪ Approx. Weight:15mg 0 00048oz
Surface Mount Fast Recovery Rectifiers
DFR0.5A THRU DFR0.5M
http://www.trr-jx.com
DFR0.5A DFR0.5B DFR0.5D DFR0.5G DFR0.5J DFR0.5K DFR0.5M
Marking Code
-
FA
FM


Similar Part No. - DFR0.5K

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
DFR0.5K JUXING-DFR0.5K Datasheet
565Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Microdiode Electronics ...
DFR0.5K CHENDA-DFR0.5K Datasheet
621Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
DFR0.5K SUNMATE-DFR0.5K Datasheet
365Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - DFR0.5K

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
SRR0 EIC-SRR0 Datasheet
48Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Silicon Standard Corp.
GR3K SSC-GR3K Datasheet
271Kb / 3P
   FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A_05 Datasheet
55Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RS1A SEMTECH_ELEC-RS1A Datasheet
168Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Weitron Technology
RS3A WEITRON-RS3A Datasheet
84Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
   Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
FR3A TAYCHIPST-FR3A Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
DFR05A LUGUANG-DFR05A Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com