Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHE0.5D Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # DHE0.5D
Description  Surface Mount Superfast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DHE0.5D Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DHE0.5D Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DHE0.5D Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. DHE0.5D Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Forward Voltage at 0.5 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at TL = 100
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
T , T
j
stg
50
100
200
400
600
V
35
70
140
280
420
V
V
0.5
20
1
5
100
75
50
-55 ~ +150
A
A
V
μA
ns
°C
Symbols
Reverse Voltage – 50 to 1000 V
Forward Curren
A
FEATURES
• Easy pick and place
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Superfast recovery times for high efficiency
MECHANICAL DATA
• Case: SOD-123FL
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight:15mg 0.00048oz
Maximum Reverse Recovery Time
at I =0.5A, I =1A, I =0.25A
F
R
rr
trr
Units
50
100
200
400
1.3
1.7
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
1
2
Simplified outline SOD-123FL and symbol
Surface Mount Superfast Rectifiers
DHE0.5A DHE0.5B DHE0.5D
DHE0.5M
DHE0.5G DHE0.5J DHE0.5K
http://www.trr-jx.com
Marking Code
-
UA UJ
DHE0.5A THRU DHE0.5M
800
1000
560
700
600
800
1000
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum Ratings and Electrical characteristics
Typical Thermal Resistance
RθJA
180
°C/W
t – 0.5


Similar Part No. - DHE0.5D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DHE0.5D LUGUANG-DHE0.5D Datasheet
445Kb / 2P
   High Efficiency Recovery Rectifiers
DHE0.5D LUGUANG-DHE0.5D Datasheet
2Mb / 2P
   High Efficiency Recovery Rectifiers
logo
Guangdong Juxing Electr...
DHE0.5D JUXING-DHE0.5D Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
More results

Similar Description - DHE0.5D

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
   Surface Mount Superfast Rectifiers
logo
Guangdong Juxing Electr...
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
   Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
ES2AF JUXING-ES2AF Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
ES1A LEIDITECH-ES1A Datasheet
395Kb / 3P
   Surface Mount Superfast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com