Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR1A Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # DFR1A
Description  Surface Mount Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DFR1A Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DFR1A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DFR1A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. DFR1A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage - 50 to 1000 V
Forward Current - 1 A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SOD-123FL and symbol
1
2
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Instantaneous Forward Voltage at 1 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at Ta = 65
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
Maximum Reverse Recovery Time 1)
Typical Junction Capacitance 2)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
1
30
1.3
5
100
150
250
500
15
-55 ~ +150
A
A
V
μA
ns
pF
°C
1
Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
2
Measured at 1MHz and applied reverse voltage of 4V D.C
Maximum Ratings and Electrical characteristics
Units
Cj
T , T
j
stg
trr
Symbols
FEATURES
▪ For surface mounted applications
▪ Low profile package
▪ Glass Passivated Chip Juntion
▪ Ideal for automated placement
▪ Fast reverse recovery time
▪ Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
▪ Case: SOD-123FL
▪ Terminals: Solderable per MIL-STD-750, Method 2026
▪ Approx. Weight:15mg 0 00048oz
Surface Mount Fast Recovery Rectifiers
DFR1A THRU DFR1M
http://www.trr-jx.com
DFR1A
DFR1B
DFR1D
DFR1G
DFR1J
DFR1K
DFR1M
Marking Code
-
F1A
F1M


Similar Part No. - DFR1A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DFR1A LUGUANG-DFR1A Datasheet
672Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
80Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Formosa MS
DFR1A FORMOSA-DFR1A Datasheet
134Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
80Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
DFR1A JUXING-DFR1A Datasheet
1Mb / 3P
   Surface Mount Fast Recovery Rectifiers
More results

Similar Description - DFR1A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
SRR0 EIC-SRR0 Datasheet
48Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Silicon Standard Corp.
GR3K SSC-GR3K Datasheet
271Kb / 3P
   FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A_05 Datasheet
55Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RS1A SEMTECH_ELEC-RS1A Datasheet
168Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Weitron Technology
RS3A WEITRON-RS3A Datasheet
84Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
   Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
FR3A TAYCHIPST-FR3A Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
DFR05A LUGUANG-DFR05A Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com