Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4853 Datasheet(PDF) 10 Page - Texas Instruments

Part # PT4853
Description  25-A Triple Output Isolated DC/DC Converter For Logic Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4853 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT4853 Datasheet HTML 5Page - Texas Instruments PT4853 Datasheet HTML 6Page - Texas Instruments PT4853 Datasheet HTML 7Page - Texas Instruments PT4853 Datasheet HTML 8Page - Texas Instruments PT4853 Datasheet HTML 9Page - Texas Instruments PT4853 Datasheet HTML 10Page - Texas Instruments PT4853 Datasheet HTML 11Page - Texas Instruments PT4853 Datasheet HTML 12Page - Texas Instruments PT4853 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
PT4850 Series
Figure 3; Vo1, Vo2, Vo3 Power-Up Sequence
On/Off Output Voltage Sequencing
The power-up characteristic of the PT4850 series of
DC/DC converters meets the requirements of micro-
processor and DSP chipsets. All three outputs from the
converter are internally sequenced to power up in
unison. Figure 3 shows the waveforms from a PT4851
after power is applied to the input of the converter.
During power-up, all three output voltages rise together
until each reaches their respective output voltage. The
waveforms of Figure 3 were measured with loads of ap-
proximately 50% on each output, with an input source of
48VDC. The converter typically produces a fully regu-
lated output within 150ms.
Using the On/Off Enable Controls on the PT4850
Series of Triple Output DC/DC Converters
The PT4850 (48V input) series of 25-A, triple-output
DC/DC converters incorporate two output enable controls.
EN1 (pin 3) is the Negative Enable input, and EN2 (pin 4)
is the Positive Enable input. Both inputs are electrically
referenced to -Vin (pin 2) on the primary or input side of
the converter. A pull-up resistor is not required, but may
be added if desired. Voltages of up to 70V can be safely
applied to the either of the Enable pins.
Automatic (UVLO) Power-Up
Connecting EN1 (pin 3) to -Vin (pin 2) and leaving EN2
(pin 4) open-circuit configures the converter for auto-
matic power up. (See data sheet “Typical Application”).
The converter control circuitry incorporates an “Under
Voltage Lockout” (UVLO) function, which disables the
converter until the minimum specified input voltage is
present at ±Vin. (See data sheet Specifications). The UVLO
circuitry ensures a clean transition during power-up and
power-down, allowing the converter to tolerate a slow-
rising input voltage. For most applications EN1 and
EN2, can be configured for automatic power-up.
Positive Output Enable (Negative Inhibit)
To configure the converter for a positive enable func-
tion, connect EN1 (pin 3) to -Vin (pin 2), and apply the
system On/Off control signal to EN2 (pin 4). In this
configuration, a low-level input voltage (-Vin potential)
applied to pin 4 disables the converter outputs. Figure 1
is an example of this configuration.
Negative Output Enable (Positive Inhibit)
To configure the converter for a negative enable function,
EN2 (pin 4) is left open circuit, and the system On/Off
control signal is applied to EN1 (pin 3). A low-level
input voltage (-Vin potential) must then be applied to
DC/DC
Module
EN 1*
EN 2
–Vin
–V
IN
1 =Outputs Off
4
3
2
BSS138
DC/DC
Module
EN 1*
EN 2
–Vin
–V
IN
1 =Outputs On
4
3
2
BSS138
Figure 2; Negative Enable Configuration
Figure 1; Positive Enable Configuration
During turn-off, all outputs drop rapidly due to the
discharging effect of actively switched rectifiers. The
voltage at Vo2 remains higher than Vo3 during this
period. The discharge time is typically 100µs, but will
vary with the amount of external load capacitance.
pin 3 in order to enable the outputs of the converter.
An example of this configuration is detailed in Figure 2.
Note: The converter will only produce and output voltage if a
valid input voltage is applied to ±Vin.
Vo1 (1V/Div)
V02 (1V/Div)
Vo3 (1V/Div)
HORIZ SCALE: 20ms/Div


Similar Part No. - PT4853

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4850F SHARP-PT4850F Datasheet
78Kb / 6P
   Thin Type Phototransistor
More results

Similar Description - PT4853

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4820 TI-PT4820 Datasheet
764Kb / 32P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter for Logic Applications
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
logo
Artesyn Technologies
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
   Single negative output 25 A DC-DC Converter C Class Non-Isolated
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4660 TI1-PT4660 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
Bothhand USA, LP.
B8-1212T10 BOTHHAND-B8-1212T10 Datasheet
243Kb / 2P
   10 to 15 Watt Isolated DC-DC Converter Triple Output
logo
STMicroelectronics
GS5T24-5D15 STMICROELECTRONICS-GS5T24-5D15 Datasheet
41Kb / 2P
   5W TRIPLE OUTPUT DC-DC CONVERTER
logo
Texas Instruments
PT4827A TI-PT4827A Datasheet
766Kb / 34P
[Old version datasheet]   35-W Triple Output Isolated DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com