Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4850 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4850
Description  25-A Triple Output Isolated DC/DC Converter For Logic Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4850 Datasheet(HTML) 3 Page - Texas Instruments

  PT4850 Datasheet HTML 1Page - Texas Instruments PT4850 Datasheet HTML 2Page - Texas Instruments PT4850 Datasheet HTML 3Page - Texas Instruments PT4850 Datasheet HTML 4Page - Texas Instruments PT4850 Datasheet HTML 5Page - Texas Instruments PT4850 Datasheet HTML 6Page - Texas Instruments PT4850 Datasheet HTML 7Page - Texas Instruments PT4850 Datasheet HTML 8Page - Texas Instruments PT4850 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4850 Series
25-A Triple Output Isolated DC/DC
Converter For Logic Applications
Electrical Specifications
(Unless otherwise stated, the operating conditions are:- Ta =25°C, Vin =48V, and Io =0.5Iomax)
PT4850 Series (Except PT4856)
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Each output
Io1
0—
15
Io2
0—
10
A
Io3
0—
10
Iotot
Total (all three outputs)
25
A
Input Voltage Range
Vin
Continuous
36
75
V
Surge (1 minute)
80
Set-Point Voltage Tolerance
Votol
1.5
%Vo
Temperature Variation
∆Regtemp
–40°C
≤Ta ≤+85°C, Io1 =Io2 =Io3 =Iomin
±0.5
%Vo
Line Regulation
∆Regline
All outputs, Over Vin range
±0.2
±0.5
%Vo
Load Regulation
∆Regload
Each output, 0
≤Io≤Iomax
±5
±10
mV
Cross Regulation
∆Regcross
Any output vs. another
±10
mV
Total Output Voltage Variation
∆Votol
Includes set-point, line, load,
—±2
±3
(1)
%Vo
–40°C
≤Ta ≤+85°C
Efficiency
η
Io1 =10A, Io2 =5A, Io3 =5A
85
%
Vo Ripple (pk-pk)
Vr
20MHz bandwidth,
Vo=5.0V
50
75
Io1 =Io2 =Io3 =5A
Vo=3.3V
20
50
mVpp
Vo=1.8V/2.5V
20
30
Vo≤1.5V
15
25
Transient Response
ttr
0.1A/µs load step, 50% to 75% Iomax
200
µSec
Vos
Vo over/undershoot
5
%Vo
Output Adjust Range
Voadj
Vo1/Vo2/Vo3
±10
%Vo
Current Limit Threshold
ILIM
∆Vo = –1%
Vo1
—20
Vo2
—15
A
Vo3
—15
Output Over-Voltage Protection
OVP
All outputs; module shutdown and latch off
125 (2)
—%Vo
Switching Frequency
ƒs
Over Vin and Io ranges
280
320
340
kHz
Under Voltage Lockout
Von
Vin increasing
34
36
V
Voff
Vin decreasing
30
32
Enable Control (pins 3 & 4)
Referenced to –Vin (pin 2)
High-Level Input Voltage
VIH
3.5
Open (3)
V
Low-Level Input Voltage
VIL
–0.2
0.8 (3)
Low-Level Input Current
IIL
0.5
mA
Standby Input Current
Iin standby
pins 3 & 4 open circuit
2.5
4 (1)
mA
Internal Input Capacitance
Cint
—2
—µF
External Output Capacitance
Cout
Per each output
0
5,000
µF
Primary/Secondary Isolation
V iso
1500
V
C iso
2,200
pF
R iso
10
——M
Temperature Sense
Vtemp
Output voltage at temperatures:-–40°C
0.1 (4)
V
100°C
1.5 (4)
Notes: (1) Limits are specified by design.
(2) This is a fixed parameter. Adjusting Vo1 or Vo2 higher will increase the module’s sensitivity to over-voltage detection. For more information, see the
application note on output voltage adjustment.
(3) The Enable inputs (pins 3 & 4) have internal pull-ups. Leaving pin 4 open-circuit and connecting pin 3 to –Vin (pin 2) allows the the converter to
operate when input power is applied. The maximum open-circuit voltage for the Enable inputs is 5.4V.
(4) Voltage output at “TEMP” pin is defined by the equation:- VTEMP = 0.5 + 0.01·T, where T is in °C. See pin descriptions for more information.
SLTS166C - FEBRUARY 2002 - REVISED MARCH 2003


Similar Part No. - PT4850

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4850F SHARP-PT4850F Datasheet
78Kb / 6P
   Thin Type Phototransistor
More results

Similar Description - PT4850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4820 TI-PT4820 Datasheet
764Kb / 32P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter for Logic Applications
PT4840A TI-PT4840A Datasheet
221Kb / 14P
[Old version datasheet]   65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
logo
Artesyn Technologies
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
   Single negative output 25 A DC-DC Converter C Class Non-Isolated
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4660 TI1-PT4660 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
Bothhand USA, LP.
B8-1212T10 BOTHHAND-B8-1212T10 Datasheet
243Kb / 2P
   10 to 15 Watt Isolated DC-DC Converter Triple Output
logo
STMicroelectronics
GS5T24-5D15 STMICROELECTRONICS-GS5T24-5D15 Datasheet
41Kb / 2P
   5W TRIPLE OUTPUT DC-DC CONVERTER
logo
Texas Instruments
PT4827A TI-PT4827A Datasheet
766Kb / 34P
[Old version datasheet]   35-W Triple Output Isolated DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com