Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ5818CP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PJ5818CP
Description  500mA CMOS Low Dropout Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ5818CP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PJ5818CP Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ5818CP Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ5818CP Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ5818CP Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ5818CP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PJ5800/A Series
500mA CMOS Low Dropout Voltage Regulators
2-5
2002/10.rev.A
Parameter
Symbol
Value
Unit
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
Vss-0.3 ~ VIN +0.3
V
Power Dissipation
TO-252
PD@TA=25℃
SOT-89
SOT-223
Pd
1000
500
800
mW
Operating Temp. (Ambient)
Topr
-20 ~ +85
Storage Temp.
Tstg
-40 ~ +125
PJ58xx Vout = x.x V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Circuit
Output Voltage
VOUT
IOUT=1mA, VIN=5V
-2
Vo
+2
%
2
Load Regulation
∆VOUT
VIN=5V
1mA≦
IOUT≦500mA
--
20
50
mV
2
Dropout Voltage(Note 1)
Vdif 1
Vdif 2
IOUT=300mA
IOUT=500mA
--
450
750
--
mV
2
Standby Current
IBIAS
IOUT=0mA
Vin=12V
--
100
110
μ
A
1
Current Limit
ILIMIT
VIN=5V, VOUT =0V
--
550
700
mA
2
Line Regulation
∆VOUT
∆VIN
· V
OUT
IOUT =1mA
4.3V≦
VIN≦10V
--
0.2
0.3
%/V
2
Output Voltage
Temperature Coefficient
(Note 2)
--
100
--
ppm/
2
Note: 1.Vdif=VIN - VOUT
2. Design Characteristics
ABSOLUTE MAXIMUM RATINGS
ODERING INFORMATION
Part Number
Output Voltage
Package
PJ5800CP/CY/CW
Adjustable
SOT-252 / SOT-89 / SOT-223
PJ5815CP/CY/CW
1.5V
SOT-252 / SOT-89 / SOT-223
PJ5818CP/CY/CW
1.8V
SOT-252 / SOT-89 / SOT-223
PJ5825CP/CY/CW
2.5V
SOT-252 / SOT-89 / SOT-223
PJ5833CP/CY/CW
3.3V
SOT-252 / SOT-89 / SOT-223
ELECTRICAL CHARACTERISTICS (Ta = +25°C, Vin=5V unless otherwise noted)


Similar Part No. - PJ5818CP

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PJ527BA NIKOSEM-PJ527BA Datasheet
271Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PJ5818CP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
   500mA Low Dropout Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013 Datasheet
116Kb / 3P
   500mA CMOS Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS5105 ADMOS-AMS5105 Datasheet
360Kb / 8P
   500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com