Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ5800 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PJ5800
Description  500mA CMOS Low Dropout Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ5800 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PJ5800 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ5800 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ5800 Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ5800 Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ5800 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PJ5800/A Series
500mA CMOS Low Dropout Voltage Regulators
5-5
2002/10.rev.A
SOT-223 Mechanical drawing
K
J
G
H
F
E
D
B
A
C
I
0.287
0.014
0.071
K
1.55
H
J
I
10°
0.255
6.70
1.80
7.30
16°
0.355
0.061
0.263
0.010
10°
16°
0.122
0.268
0.033
0.183
0.146
0.041
0.093
MAX
MILLIMETERS
B2.90
E
G
F
4.55
0.835
2.25
D
C
0.63
3.30
DIM
A6.30
MIN
0.114
3.10
4.65
1.035
2.35
0.83
3.70
0.179
0.032
0.088
0.024
0.129
SOT-223 DIMENSION
6.80
MAX
INCHES
0.248
MIN


Similar Part No. - PJ5800

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PJ527BA NIKOSEM-PJ527BA Datasheet
271Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PJ5800

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
   500mA Low Dropout Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013 Datasheet
116Kb / 3P
   500mA CMOS Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS5105 ADMOS-AMS5105 Datasheet
360Kb / 8P
   500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com