Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66291-11 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY66291-11
Description  1900 to 2000 MHz High Efficiency 4 W Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66291-11 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY66291-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66291-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DATA SHEET • SKY66299-11: 1900 TO 2000 MHz HIGH EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
May 31, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203291D
Table 5. SKY66299-11 Electrical Specifications1
(VCC1 = VCC2 = VCC3 = VBIAS = 5 V, PAEN = 2.0 V, f = 1962.5 MHz, TC = +25
C, Input/Output Load = 50 , Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Frequency
f
1930
1995
MHz
Small signal gain
|S21|
PIN =
30 dBm
34.5
36
dB
Gain @ +28 dBm
|S21|@ +28 dBm
POUT = +28 dBm
36.5
37.5
dB
Input return loss
|S11|
PIN =
20 dBm
13
20
dB
Output return loss
|S22|
PIN =
20 dBm
12
17
dB
Reverse isolation2
|S12|
PIN =
30 dBm
56
dB
ACLR @ +28 dBm
ACLR
POUT = +28dBm
(20 MHz LTE,8.5 dB PAR signal)
31.5
29
dBc
Saturated output power
PSAT
CW, PIN = 8 dBm
+35.5
+36
dBm
Output power at 3 dB gain
compression
P3dB
CW, reference to small signal gain
+34.5
+35.5
dBm
2nd harmonic
2fO
CW, POUT = +28 dBm
27
25
dBc
3rd harmonic
3fO
CW, POUT = +28 dBm
59
49
dBc
Power added efficiency
PAE
CW, POUT = +28 dBm
32
35
%
Quiescent current
ICCQ
No RF signal
80
100
mA
1 Performance is guaranteed only under the conditions listed in this table.
2 Not test in production. Verified by design.


Similar Part No. - SKY66291-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66291-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66391-12 SKYWORKS-SKY66391-12 Datasheet
768Kb / 15P
   1800 to 1900 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
logo
Teledyne Technologies I...
UTOUTC2020 TELEDYNE-UTOUTC2020 Datasheet
186Kb / 6P
   Wideband High Efficiency Amplifier 10 to 2000 MHz
logo
Skyworks Solutions Inc.
SKY66394-11 SKYWORKS-SKY66394-11 Datasheet
1Mb / 14P
   2000 to 2300 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
logo
Qorvo, Inc
QPA9942 QORVO-QPA9942 Datasheet
1Mb / 14P
   3300 - 3800 MHz 4 W High-Efficiency Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com