Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66298-11 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY66298-11
Description  1900 to 2000 MHz High Efficiency 4 W Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66298-11 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY66298-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66298-11 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DATA SHEET • SKY66299-11: 1900 TO 2000 MHz HIGH EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
May 31, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203291D
Evaluation Board Description
The SKY66299-11 Evaluation Board is used to test the
performance of the SKY66299-11 PA. An Evaluation Board
schematic is provided in Figure 20. Table 6 provides the Bill of
Materials (BOM) list for Evaluation Board components.
An assembly drawing for the Evaluation Board is shown in
Figure 21. Board layer details are shown in Figure 22. Layer detail
physical characteristics are noted in Figure 23.
Circuit Design Considerations
The following design considerations are general in nature and
must be followed regardless of final use or configuration:
 Paths to ground should be made as short as possible.
 The ground pad of the SKY66299-11 has special electrical and
thermal grounding requirements. This pad is the main thermal
conduit for heat dissipation. Because the circuit board acts as
the heat sink, it must shunt as much heat as possible from the
device.
Therefore, design the connection to the ground pad to dissipate
the maximum wattage produced by the circuit board. Multiple
vias to the grounding layer are required.
NOTE: A poor connection between the ground pad and ground
increases junction temperature (TJ), which reduces the life of the
device.
Evaluation Board Test Procedure
Turn-On Sequence
1. Connect 50
 Test Equipment or Load to the input and output
RF ports of the Evaluation Board.
2. Connect the DC ground.
3. Connect all VCCs and VBIAS lines to a +5 V supply. Connect
PAEN to a 2.0 V supply.
4. Without applying RF, turn on the 5 V supply, then turn on the 2
V PAEN.
5. Apply RF signal data at –30 dBm and observe that the gain of
the device is approximately 36 dB. Begin measurements.
Turn-Off Sequence
1. Turn off the RF input to the device.
2. Turn off PAEN (set to 0 V).
3. Turn off all VCCs and VBIAS.
NOTE: It is important to adjust the VCC voltage sources so that
+5 V is measured at the board. High collector currents drop the
collector voltage significantly if long leads are used. Adjust the
bias voltage to compensate.


Similar Part No. - SKY66298-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66298-11 SKYWORKS-SKY66298-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66298-11 SKYWORKS-SKY66298-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66298-11 SKYWORKS-SKY66298-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66298-11 SKYWORKS-SKY66298-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66298-11 SKYWORKS-SKY66298-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66298-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66391-12 SKYWORKS-SKY66391-12 Datasheet
768Kb / 15P
   1800 to 1900 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
logo
Teledyne Technologies I...
UTOUTC2020 TELEDYNE-UTOUTC2020 Datasheet
186Kb / 6P
   Wideband High Efficiency Amplifier 10 to 2000 MHz
logo
Skyworks Solutions Inc.
SKY66394-11 SKYWORKS-SKY66394-11 Datasheet
1Mb / 14P
   2000 to 2300 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
logo
Qorvo, Inc
QPA9942 QORVO-QPA9942 Datasheet
1Mb / 14P
   3300 - 3800 MHz 4 W High-Efficiency Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com