Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66299-11 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY66299-11
Description  2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66299-11 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY66299-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY66299-11 Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DATA SHEET • SKY66297-11: 2490 TO 2690 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203323E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 31, 2017
11
Application Circuit Notes
Center Ground. It is extremely important to sufficiently ground
the bottom ground pad of the device for both thermal and stability
reasons. Multiple small vias are acceptable and work well under
the device if solder migration is an issue.
GND (pins 1, 3, 4, 7, 8, 10, 11, 13, and 15). Attach all ground
pins to the RF ground plane with the largest diameter and lowest
inductance via that the layout allows. Multiple small vias are
acceptable and will work well under the device if solder migration
is an issue.
VBIAS (pin 5). The bias supply voltage for each stage, nominally
set to +5 V.
RFOUT (pin 9). Amplifier RF output pin (ZO = 50
). The module
includes an internal DC blocking capacitor. All impedance
matching is provided internal to the module.
VCC1, VCC2, and VCC3 (pin 16, 14, and 12, respectively). Supply
voltage for each stage collector bias is nominally set to 5 V.
Bypass and decoupling capacitors C6 through C12 should be
placed in the approximate location shown on the evaluation board
assembly drawing, although exact placement is not critical.
RFIN (pin 2). Amplifier RF input pin (ZO = 50
). All impedance
matching is provided internal to the module. The module includes
an internal DC blocking capacitor.
Package Dimensions
Typical part marking for the SKY66297-11 is shown in
Figure 21.The PCB layout footprint for the SKY66297-11 is shown
in Figure 22. Package dimensions are shown in Figure 23, and
tape and reel dimensions are provided in Figure 24.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
The SKY66297-11 is rated to Moisture Sensitivity Level 3 (MSL3)
at 250
C. It can be used for lead or lead-free soldering. For
additional information, refer to Skyworks Application Note, PCB
Design and SMT Assembly/Rework Guidelines for MCM-L
Packages, document number 101752.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
Pin 1
Indicator
Skyworks
Part Number
Lot Code
Date Code:
YY = Calendar Year
WW = Work Week
CC = Country Code
203323C-021
66297-11
XXXXXXXXX
YYWW CC
Figure 21. Typical Part Marking for the SKY66297-11


Similar Part No. - SKY66299-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66299-11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC261002FC INFINEON-PXAC261002FC Datasheet
162Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
Rev. 03.3, 2016-06-15
logo
Skyworks Solutions Inc.
SKY66317-11 SKYWORKS-SKY66317-11 Datasheet
2Mb / 15P
   2496 to 2690 MHz Wide Instantaneous Bandwidth High-Efficiency Power Amplifier
July 7, 2020
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
logo
Cree, Inc
PXAC261002FC CREE-PXAC261002FC Datasheet
634Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
logo
Skyworks Solutions Inc.
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
logo
Cree, Inc
GTRA262802FC CREE-GTRA262802FC Datasheet
497Kb / 9P
   Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com