Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66295-11 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY66295-11
Description  700 to 800 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66295-11 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY66295-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY66295-11 Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DATA SHEET • SKY66296-11: 700 TO 800 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
May 31, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203931C
Layer 1
Layer 2
Layer 3
Layer 4
Figure 19. Evaluation Board Layer Details
Cross Section
Name
Thickness (mm)
Materials
TMask
L1
Dielectric
L2
Dielectric
L3
Dielectric
L4
BMask
0.010
0.035
0.250
0.035
0.350
0.035
0.250
0.035
0.010
Solder Resist
Cu, 1 oz.
R04350
Cu, 1 oz.
FR4
Cu, 1 oz.
FR4
Cu, 1 oz.
Solder Resist
50 Ohm
W = 0.500 mm
203931-020
Figure 20. Layer Detail Physical Characteristics


Similar Part No. - SKY66295-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66295-11 SKYWORKS-SKY66295-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66295-11 SKYWORKS-SKY66295-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66295-11 SKYWORKS-SKY66295-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66295-11 SKYWORKS-SKY66295-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66295-11 SKYWORKS-SKY66295-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66295-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65127 SKYWORKS-SKY65127 Datasheet
1Mb / 11P
   700–800 MHz High Linearity 2 W Power Amplifier
February 03, 2009
logo
Tyco Electronics
AM52-0001 MACOM-AM52-0001 Datasheet
79Kb / 6P
   1.2 W High Efficiency Power Amplifier 800 - 960 MHz
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
SKY66294-11 SKYWORKS-SKY66294-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66292-11 SKYWORKS-SKY66292-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66299-11 SKYWORKS-SKY66299-11 Datasheet
1Mb / 15P
   1900 to 2000 MHz High Efficiency 4 W Power Amplifier
logo
Mimix Broadband
CHV2707-QJ MIMIX-CHV2707-QJ Datasheet
348Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com