Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66293-21 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY66293-21
Description  1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66293-21 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY66293-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66293-21 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DATA SHEET • SKY66291-11: 1805 TO 1880 MHz HIGH EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203161E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 31, 2017
3
Table 3. SKY66291-11 Absolute Maximum Ratings1
Parameter
Symbol
Minimum
Maximum
Units
RF input power (CW, 50
 load)
PIN
+5
dBm
Supply voltage (VCC1, VCC2, VCC3, VBIAS)
VCC
5.5
V
PA enable
VEN
2.8
V
Operating temperature
TC
40
+100
C
Storage temperature
TST
55
+125
C
Junction temperature
TJ
+150
C
Power dissipation
PD
1.3
W
Device thermal resistance
JC
19.5
C/W
Electrostatic discharge:
Charged Device Model (CDM)
Human Body Model (HBM)
500
1000
V
V
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set
at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
ESD HANDLING: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device.
This device must be protected at all times from ESD when handling or transporting. Static charges may easily produce
potentials of several kilovolts on the human body or equipment, which can discharge without detection.
Industry-standard ESD handling precautions should be used at all times.
Table 4. SKY66291-11 Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply voltage (VCC1, VCC2, VCC3, VBIAS)
VCC1, VCC2, VCC3, VBIAS
4.75
5
5.25
V
PA enable:
ON
OFF
PAEN
1.7
2.0
0
2.5
0.5
V
V
PA enable current
IENABLE
1
12
A
Operating frequency
f
1805
1880
MHz
Operating temperature
TC
40
+25
+85
C


Similar Part No. - SKY66293-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66293-21 SKYWORKS-SKY66293-21 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66293-21

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
   1805 - 1880 MHz 160 Watt Power Amplifier
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
Qorvo, Inc
QPA9903 QORVO-QPA9903_V01 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
Aug. 10th, 2021
QPA9903 QORVO-QPA9903 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
logo
TriQuint Semiconductor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTFB183404E INFINEON-PTFB183404E_16 Datasheet
911Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04.1, 2016-06-10
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFB183404E INFINEON-PTFB183404E Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com