Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66297-11 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY66297-11
Description  1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66297-11 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY66297-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 13Page - Skyworks Solutions Inc. SKY66297-11 Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DATA SHEET • SKY66291-11: 1805 TO 1880 MHz HIGH-EFFICIENCY 4 W POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203161E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 31, 2017
11
Application Circuit Notes
Center Ground. It is extremely important to sufficiently ground
the bottom ground pad of the device for both thermal and stability
reasons. Multiple small vias are acceptable and work well under
the device if solder migration is an issue.
GND (pins 1, 3, 4, 7, 8, 10, 11, 13, and 15). Attach all ground
pins to the RF ground plane with the largest diameter and lowest
inductance via that the layout allows. Multiple small vias are
acceptable and will work well under the device if solder migration
is an issue.
VBIAS (pin 5). The bias supply voltage for each stage, nominally
set to +5 V.
RFOUT (pin 9). Amplifier RF output pin (ZO = 50
). The module
includes an onboard internal DC blocking capacitor. All
impedance matching is provided internal to the module.
VCC1, VCC2, and VCC3 (pin 16, 14, and 12, respectively). Supply
voltage for each stage collector bias is nominally set to 5 V.
Bypass and decoupling capacitors C6 through C12 should be
placed in the approximate location shown on the evaluation board
assembly drawing, although exact placement is not critical.
RFIN (pin 2). Amplifier RF input pin (ZO = 50
). The module
includes an onboard internal DC blocking capacitor. All
impedance matching is provided internal to the module.
Package Dimensions
Typical part marking for the SKY66291-11 is shown in Figure 21.
The PCB layout footprint for the SKY66291-11 is shown in
Figure 22. Package dimensions are shown in Figure 23, and tape
and reel dimensions are provided in Figure 24.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
The SKY66291-11 is rated to Moisture Sensitivity Level 3 (MSL3)
at 250
C. It can be used for lead or lead-free soldering. For
additional information, refer to Skyworks Application Note, PCB
Design and SMT Assembly/Rework Guidelines for MCM-L
Packages, document number 101752.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
Pin 1
Indicator
Skyworks
Part Number
Lot Code
Date Code:
YY = Calendar Year
WW = Work Week
CC = Country Code
ts670
66291-11
XXXXXXXXX
YYWW CC
Figure 21. Typical Part Marking for the SKY66291-11


Similar Part No. - SKY66297-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2300 to 2400 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
952Kb / 13P
   3400 to 3800 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 15P
   2000 to 2300 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results

Similar Description - SKY66297-11

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
   1805 - 1880 MHz 160 Watt Power Amplifier
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
Qorvo, Inc
QPA9903 QORVO-QPA9903_V01 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
Aug. 10th, 2021
QPA9903 QORVO-QPA9903 Datasheet
1Mb / 14P
   1805-1880MHz 4 W High-Efficiency Amplifier
logo
TriQuint Semiconductor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTFB183404E INFINEON-PTFB183404E_16 Datasheet
911Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04.1, 2016-06-10
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFB183404E INFINEON-PTFB183404E Datasheet
727Kb / 18P
   High Power RF LDMOS Field Effect Transistors 340 W, 1805 ??1880 MHz
Rev. 04, 2010-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com