Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65623-682LF Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY65623-682LF
Description  GPS/GLONASS/Galileo/Compass Low-Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65623-682LF Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

  SKY65623-682LF_17 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65623-682LF_17 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DATA SHEET • SKY65623-682LF: GPS/GLONASS/GALILEO/COMPASS LOW-NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
May 3, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203565G
Figure 9. SKY65623-682LF Package Dimensions
Ø1.50 +0.10
0.00
2.00 ±0.05 (Note 1)
4.00 ±0.10 (Note 2)
1.75 ±0.10
0.40 ±0.05
A
A
Section A
0.42 ±0.05
0.20 ±0.02 (T)
2.00 ±0.10
0.91 ±0.05
Notes:
1. Measured from centerline of sprocket hole to centerline of pocket.
2. Cumulative tolerance of 10-sprocket holes is ± 0.20 mm.
3. Measured from centerline of sprocket hole to centerline of pocket.
4. Other material available.
5. All dimensions are in millimeters, unless otherwise specified.
203565-010
Figure 10. SKY65623-682LF Tape and Reel Dimensions


Similar Part No. - SKY65623-682LF_17

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65623-682LF-EVB SKYWORKS-SKY65623-682LF-EVB Datasheet
645Kb / 8P
   GPS/GLONASS/Galileo/Compass radio receivers
SKY65623-682LF_017 SKYWORKS-SKY65623-682LF_017 Datasheet
645Kb / 8P
   GPS/GLONASS/Galileo/Compass radio receivers
More results

Similar Description - SKY65623-682LF_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL21G ASB-ASL21G Datasheet
3Mb / 35P
   Low Noise GPS, GLONASS, Galileo,Compass Amplifier
January 2017
ASL20G ASB-ASL20G_17 Datasheet
1Mb / 16P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
March 2017
ASL20G ASB-ASL20G_13 Datasheet
710Kb / 10P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
September 2013
ASL21X ASB-ASL21X_17 Datasheet
2Mb / 23P
   Low Noise GPS, GLONASS, Galileo and Compass Amplifier
January 2017
logo
NXP Semiconductors
BGU8103 NXP-BGU8103 Datasheet
113Kb / 12P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 3-18 January 2017
BGU6009 NXP-BGU6009 Datasheet
154Kb / 10P
   Low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 4 ??18 January 2017
BGU6005 NXP-BGU6005 Datasheet
118Kb / 10P
   Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 2-31 January 2017
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
BGU8004 NXP-BGU8004 Datasheet
282Kb / 18P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-31 January 2014
GPS1502L NXP-GPS1502L Datasheet
195Kb / 15P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 5 ??22 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com